Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 130 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 130 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 126Page - Microchip Technology CEC1712 Datasheet HTML 127Page - Microchip Technology CEC1712 Datasheet HTML 128Page - Microchip Technology CEC1712 Datasheet HTML 129Page - Microchip Technology CEC1712 Datasheet HTML 130Page - Microchip Technology CEC1712 Datasheet HTML 131Page - Microchip Technology CEC1712 Datasheet HTML 132Page - Microchip Technology CEC1712 Datasheet HTML 133Page - Microchip Technology CEC1712 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 338 page
background image
CEC1712
DS00003416C-page 130
 2020-2021 Microchip Technology Inc.
10.10.9
MODEM CONTROL REGISTER
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:5
Reserved
RES
-
-
4
LOOPBACK
This bit provides the loopback feature for diagnostic testing of the
Serial Port. When bit 4 is set to logic “1”, the following occur:
1.
The TXD is set to the Marking State (logic “1”).
2.
The receiver Serial Input (RXD) is disconnected.
3.
The output of the Transmitter Shift Register is “looped back”
into the Receiver Shift Register input.
4.
All MODEM Control inputs (CTS#, DSR#, RI# and DCD#)
are disconnected.
5.
The four MODEM Control outputs (DTR#, RTS#, OUT1 and
OUT2) are internally connected to the four MODEM Control
inputs (DSR#, CTS#, RI#, DCD#).
6.
The Modem Control output pins are forced inactive high.
7.
Data that is transmitted is immediately received.
This feature allows the processor to verify the transmit and receive
data paths of the Serial Port. In the diagnostic mode, the receiver
and the transmitter interrupts are fully operational. The MODEM
Control Interrupts are also operational but the interrupts' sources
are now the lower four bits of the MODEM Control Register instead
of the MODEM Control inputs. The interrupts are still controlled by
the Interrupt Enable Register.
R/W
0h
RESET
3OUT2
Output 2 (OUT2). This bit is used to enable an UART interrupt.
When OUT2 is a logic “0”, the serial port interrupt output is forced
to a high impedance state - disabled. When OUT2 is a logic “1”, the
serial port interrupt outputs are enabled.
R/W
0h
RESET
2OUT1
This bit controls the Output 1 (OUT1) bit. This bit does not have an
output pin and can only be read or written by the CPU.
R/W
0h
RESET
1RTS
This bit controls the Request To Send (RTS#) output.
When bit 1 is set to a logic “1”, the RTS# output is forced to a logic
“0”. When bit 1 is set to a logic “0”, the RTS# output is forced to a
logic “1”.
R/W
0h
RESET
0DTR
This bit controls the Data Terminal Ready (DTR#) output. When bit
0 is set to a logic “1”, the DTR# output is forced to a logic “0”. When
bit 0 is a logic “0”, the DTR# output is forced to a logic “1”.
R/W
0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com