Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 134 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 134 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 130Page - Microchip Technology CEC1712 Datasheet HTML 131Page - Microchip Technology CEC1712 Datasheet HTML 132Page - Microchip Technology CEC1712 Datasheet HTML 133Page - Microchip Technology CEC1712 Datasheet HTML 134Page - Microchip Technology CEC1712 Datasheet HTML 135Page - Microchip Technology CEC1712 Datasheet HTML 136Page - Microchip Technology CEC1712 Datasheet HTML 137Page - Microchip Technology CEC1712 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 338 page
background image
CEC1712
DS00003416C-page 134
 2020-2021 Microchip Technology Inc.
10.10.12 SCRATCHPAD REGISTER
10.11 Configuration Registers
Configuration Registers for an instance of the UART are listed in the following table. Host access to Configuration Reg-
isters is through the Configuration Port using the Logical Device Number of each instance of the UART and the Index
shown in the “Host Index” column of the table. The EC can access Configuration Registers directly. The EC address for
each register is formed by adding the Base Address for each instance of the UART shown in the Block Overview and
Base Address Table in Section 3.0, "Device Inventory" to the offset shown in the “EC Offset” column.
10.11.1
ACTIVATE REGISTER
Offset
07h
Bits
Description
Type
Default
Reset
Event
7:0
SCRATCH
This 8 bit read/write register has no effect on the operation of the
Serial Port. It is intended as a scratchpad register to be used by the
programmer to hold data temporarily.
R/W
0h
RESET
TABLE 10-15: CONFIGURATION REGISTER SUMMARY
EC Offset
Host Index
Register Name
330h
30h
Activate Register
3F0h
F0h
Configuration Select Register
Offset
30h
Bits
Description
Type
Default
Reset
Event
7:1
Reserved
RES
-
-
0
ACTIVATE
When this bit is 1, the UART logical device is powered and func-
tional. When this bit is 0, the UART logical device is powered down
and inactive.
R/W
0b
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com