Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 136 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 136 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 132Page - Microchip Technology CEC1712 Datasheet HTML 133Page - Microchip Technology CEC1712 Datasheet HTML 134Page - Microchip Technology CEC1712 Datasheet HTML 135Page - Microchip Technology CEC1712 Datasheet HTML 136Page - Microchip Technology CEC1712 Datasheet HTML 137Page - Microchip Technology CEC1712 Datasheet HTML 138Page - Microchip Technology CEC1712 Datasheet HTML 139Page - Microchip Technology CEC1712 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 338 page
background image
CEC1712
DS00003416C-page 136
 2020-2021 Microchip Technology Inc.
11.0 GPIO INTERFACE
11.1
General Description
The CEC1712 GPIO Interface provides general purpose input monitoring and output control, as well as managing many
aspects of pin functionality; including, multi-function Pin Multiplexing Control, GPIO Direction control, PU/PD (PU_PD)
resistors, asynchronous wakeup and synchronous Interrupt Detection (int_det), GPIO Direction, and Polarity control, as
well as control of pin drive strength and slew rate.
Features of the GPIO Interface include:
• Inputs:
- Asynchronous rising and falling edge wakeup detection
- Interrupt High or Low Level
• On Output:
- Push Pull or Open Drain output
• Pull up or pull down resistor control
• Interrupt and wake capability available for all GPIOs
• Programmable pin drive strength and slew rate limiting
• Group- or individual control of GPIO data.
• Multiplexing of all multi-function pins are controlled by the GPIO interface
11.2
Block Diagram
The GPIO Interface Block Diagram shown in Figure 11-1 illustrates the functionality of a single CEC1712 GPIO Interface
pin. The source for the Pin Multiplexing Control, Interrupt Detection (int_det), GPIO Direction, and Polarity controls in
Figure 11-1 is a Pin Control Register that is associated with each pin (see Section 11.6.1.1, "Pin Control Register," on
page 141).
FIGURE 11-1:
GPIO INTERFACE BLOCK DIAGRAM
GPIOxxx PIN
GPIO Input
Register
Read
MUX
(MUX = 00)
Read
Polarity
MUX
Input 3 (MUX = 11)
MUX
MUX
GPIO Direction
Input 2 (MUX = 10)
Input 1 (MUX = 01)
Interrupt
Detector
Output 1 (MUX = 01)
Output 2 (MUX = 10)
Output 3 (MUX = 11)
GPIO Output
Register
Write
Mux Control
2
Interrupt Detection
4
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com