Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 137 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 137 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 133Page - Microchip Technology CEC1712 Datasheet HTML 134Page - Microchip Technology CEC1712 Datasheet HTML 135Page - Microchip Technology CEC1712 Datasheet HTML 136Page - Microchip Technology CEC1712 Datasheet HTML 137Page - Microchip Technology CEC1712 Datasheet HTML 138Page - Microchip Technology CEC1712 Datasheet HTML 139Page - Microchip Technology CEC1712 Datasheet HTML 140Page - Microchip Technology CEC1712 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 137
CEC1712
11.3
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
11.3.1
POWER DOMAINS
11.3.2
CLOCK INPUTS
11.3.3
RESETS
11.4
Interrupts
This section defines the Interrupt Sources generated from this block.
11.5
Description
The GPIO Interface refers to all the GPIOxxx pins implemented in the design. GPIO stands for General Purpose I/O.
The GPIO signals may be used by firmware to both monitor and control a pin in “bit-banged” mode. The GPIOs may be
individually controlled via their Pin Control Register or group controlled via the Output and Input GPIO registers. The
GPIO Output Control Select
The GPIO Pin control registers are used to select the alternate functions on GPIO pins (unless otherwise specified), to
control the buffer direction, strength, and polarity, to control the internal pull-ups and pull-downs, for VCC emulation, and
for selecting the event type that causes a GPIO interrupt.
The GPIO input is always live, even when an alternate function is selected. Firmware may read the GPIO input anytime
to see the value on the pin. In addition, the GPIO interrupt is always functional, and may be used for either the GPIO
itself or to support the alternate functions on the pin. See FIGURE 11-1: GPIO Interface Block Diagram on page 136.
Name
Description
VTR_CORE
The registers and logic in this block are powered by VTR_CORE.
Name
Description
48MHz
The 48MHz is used for synchronizing the GPIO inputs.
Name
Description
RESET_SYS
This reset is asserted when VTR_CORE is applied.
RESET_VCC
This is an alternate reset condition, typically asserted when the main
power rail is asserted.
Source
Description
GPIO_Event
Each pin in the GPIO Interface has the ability to generate an interrupt
event. This event may be used as a wake event.
The GPIO Interface can generate an interrupt source event on a high
level, low level, rising edge and falling edge, as configured by the
Interrupt Detection (int_det) bits in the Pin Control Register associated
with the GPIO signal function.
Note:
The minimum pulse width required to generate an inter-
rupt/wakeup event is 5ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com