Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 141 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 141 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 137Page - Microchip Technology CEC1712 Datasheet HTML 138Page - Microchip Technology CEC1712 Datasheet HTML 139Page - Microchip Technology CEC1712 Datasheet HTML 140Page - Microchip Technology CEC1712 Datasheet HTML 141Page - Microchip Technology CEC1712 Datasheet HTML 142Page - Microchip Technology CEC1712 Datasheet HTML 143Page - Microchip Technology CEC1712 Datasheet HTML 144Page - Microchip Technology CEC1712 Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 141
CEC1712
11.6.1
PIN CONTROL REGISTERS
Two Pin Control Registers are implemented for each GPIO. The Pin Control Register format is described in Section
11.6.1.1, "Pin Control Register," on page 141. The Pin Control Register 2 format is described in Section 11.6.1.2, "Pin
Control Register 2," on page 144. Pin Control Register address offsets and defaults for each product are defined in
Section 11.5.3.1, "Pin Control Register Defaults," on page 138.
11.6.1.1
Pin Control Register
Offset
See Table 11-2, "Register Summary"
Bits
Description
Type
Default
Reset
Event
31:25 RESERVED
RES
-
-
24 GPIO input from pad
On reads, Bit [24] reflects the state of GPIO input from the pad
regardless of setting of Bit [10].
Note:
This bit is forced high when the selected power well is off
as selected by the Power Gating Signal bits. See
bits[3:2].
R
Note 11-1 RESET_S
YS
23:17 RESERVED
RES
-
-
16 GPIO output data
If enabled by the GPIO Output Control Select bit, the GPIO output
data bit determines the level on the GPIO pin when the pin is config-
ured for the GPIO output function.
On writes:
If enabled via the GPIO Output Control Select
0: GPIO[x] out = ‘0’
1: GPIO[x] out = ‘1’
Note:
If disabled via the GPIO Output Control Select then the
GPIO[x] out pin is unaffected by writing this bit.
On reads:
Bit [16] returns the last programmed value, not the value on the pin.
R/W
(GPIO
Output
Control
Select =
0)
R
(GPIO
Output
Control
Select=1)
Note 11-1 RESET_S
YS
15 GPIO input disable
This bit can be used to support undervoltage functionality.
1=disable input
0=do not disable input
R/W
Note 11-1 RESET_S
YS
14 RESERVED
RES
-
-
13:12 Mux Control
The Mux Control field determines the active signal function for a pin.
00 = GPIO Function Selected
01 = Signal Function 1 Selected
10 = Signal Function 2 Selected
11 = Signal Function 3 Selected
R/W
Note 11-1 RESET_S
YS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com