Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 139 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 139 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 135Page - Microchip Technology CEC1712 Datasheet HTML 136Page - Microchip Technology CEC1712 Datasheet HTML 137Page - Microchip Technology CEC1712 Datasheet HTML 138Page - Microchip Technology CEC1712 Datasheet HTML 139Page - Microchip Technology CEC1712 Datasheet HTML 140Page - Microchip Technology CEC1712 Datasheet HTML 141Page - Microchip Technology CEC1712 Datasheet HTML 142Page - Microchip Technology CEC1712 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 139
CEC1712
TABLE 11-2:
REGISTER SUMMARY
Offset
Register Name
000h - 01Ch
GPIO000-GPIO007 Pin Control Register
020h - 03Ch
GPIO010-GPIO017 Pin Control Register
040h - 05Ch
GPIO020-GPIO027 Pin Control Register
060h - 078h
GPIO030-GPIO036 Pin Control Register
080h - 09Ch
GPIO040-GPIO047 Pin Control Register
0A0h - 0BCh
GPIO050-GPIO057 Pin Control Register
0C0h - 0DCh
GPIO060-GPIO067 Pin Control Register
0E0h - 0F8h
GPIO070-GPIO077 Pin Control Register
100h - 11Ch
GPIO100-GPIO107 Pin Control Register
128h - 13Ch
GPIO112-GPIO117 Pin Control Register
140h - 15Ch
GPIO120-GPIO127 Pin Control Register
160h - 16Ch
GPIO130-GPIO137 Pin Control Register
180h - 19Ch
GPIO140-GPIO147 Pin Control Register
1A0h - 1BCh
GPIO150-GPIO157 Pin Control Register
1C0h - 1DCh
GPIO160-GPIO167 Pin Control Register
1E0h - 1F4h
GPIO170-GPIO177 Pin Control Register
200h - 21Ch
GPIO200-GPIO207 Pin Control Register
220h - 23Ch
GPIO210-GPIO217 Pin Control Register
240h - 25Ch
GPIO221-GPIO227 Pin Control Register
260h - 27Ch
Reserved
280h - 298h
GPIO240-GPIO247 Pin Control Register
2ACh - 2BCh
GPIO253-GPIO257 Pin Control Register
2C0h
GPIO260 Pin Control Register
300h
Input GPIO[000:036]
304h
Input GPIO[040:076]
308h
Input GPIO[100:127]
30Ch
Input GPIO[140:176]
310h
Input GPIO[200:236]
314h
Input GPIO[240:276]
380h
Output GPIO[000:036]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com