| Electronic Components Datasheet Search |
|
CEC1712 Datasheet(PDF) 142 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1712 Datasheet(HTML) 142 Page - Microchip Technology |
|
142 / 338 page ![]() CEC1712 DS00003416C-page 142 2020-2021 Microchip Technology Inc. 11 Polarity 0 = Non-inverted 1 = Inverted When the Polarity bit is set to ‘1’ and the Mux Control bits are greater than ‘00,’ the selected signal function outputs are inverted and Inter- rupt Detection (int_det) sense defined in Table 11-3, "Edge Enable and Interrupt Detection Bits Definition" is inverted. When the Mux Control field selects the GPIO signal function (Mux = ‘00’), the Polar- ity bit does not effect the output. Regardless of the state of the Mux Control field and the Polarity bit, the state of the pin is always reported without inversion in the GPIO input register. R/W Note 11-1 RESET_S YS 10 GPIO Output Control Select Every GPIO has two mechanisms to set a GPIO data output: Output GPIO Bit located in the grouped GPIO Output Registers and the sin- gle GPIO output data bit located in bit 16 of this register. This control bit determines the source of the GPIO output. 0 = Pin Control Bit[16] GPIO output data bit enabled When this bit is zero the single GPIO output data bit is enabled. (GPIO output data is R/W capable and the Grouped Output GPIO is disabled (i.e., Read-Only). 1 = Grouped Output GPIO enable When this bit is one the GPIO output data write is disabled (i.e., Read-Only) and the Grouped Output GPIO is enabled (i.e., R/W). Note: See description in Section 11.5.1, "Accessing GPIOs". R/W Note 11-1 RESET_S YS 9 GPIO Direction 0 = Input 1 = Output The GPIO Direction bit controls the buffer direction only when the Mux Control field is ‘00’ selecting the pin signal function to be GPIO. When the Mux Control field is greater than ‘00’ (i.e., a non- GPIO signal function is selected) the GPIO Direction bit has no affect and the selected signal function logic directly controls the pin direction. R/W Note 11-1 RESET_S YS 8 Output Buffer Type 0 = Push-Pull 1 = Open Drain Note: Unless explicitly stated otherwise, pins with (I/O/OD) or (O/OD) in their buffer type column in the tables in are compliant with the following Programmable OD/PP Multi- plexing Design Rule: Each compliant pin has a program- mable open drain/push-pull buffer controlled by the Output Buffer Type bit in the associated Pin Control Register. The state of this bit controls the mode of the interface buffer for all selected functions, including the GPIO function. R/W Note 11-1 RESET_S YS Offset See Table 11-2, "Register Summary" Bits Description Type Default Reset Event |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |