Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 145 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 145 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 141Page - Microchip Technology CEC1712 Datasheet HTML 142Page - Microchip Technology CEC1712 Datasheet HTML 143Page - Microchip Technology CEC1712 Datasheet HTML 144Page - Microchip Technology CEC1712 Datasheet HTML 145Page - Microchip Technology CEC1712 Datasheet HTML 146Page - Microchip Technology CEC1712 Datasheet HTML 147Page - Microchip Technology CEC1712 Datasheet HTML 148Page - Microchip Technology CEC1712 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 145
CEC1712
11.6.2
GPIO OUTPUT REGISTERS
If enabled by the GPIO Output Control Select bit, the grouped GPIO Output bits determine the level on the GPIO pin
when the pin is configured for the GPIO output function.
On writes:
If enabled via the GPIO Output Control Select
0: GPIO[x] out = ‘0’
1: GPIO[x] out = ‘1’
If disabled via the GPIO Output Control Select then the GPIO[x] out pin is unaffected by writing the corresponding GPIO
bit in the grouped Output GPIO[xxx:yyy] register.
On reads:
The GPIO output bit in the grouped Output GPIO[xxx:yyy] register returns the last programmed value, not the value on
the pin.
11.6.2.1
Output GPIO[000:036]
3:1
Reserved
RES
-
-
0
Slew Rate
This bit is used to select the slew rate on the pin
1= fast (Should be set to 1 always)
0= slow
R/W
0h
RESET_S
YS
Offset
380h
Bits
Description
Type
Default
Reset
Event
31
RESERVED
RES
-
-
30:24
GPIO[036:030] Output
R/W
00h
RESET_S
YS
23:16
GPIO[027:020] Output
R/W
00h
RESET_S
YS
15:8
GPIO[017:010] Output
R/W
00h
RESET_S
YS
7:0
GPIO[007:000] Output
R/W
00h
RESET_S
YS
Offset
See Note 11-1
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com