Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 144 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 144 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 140Page - Microchip Technology CEC1712 Datasheet HTML 141Page - Microchip Technology CEC1712 Datasheet HTML 142Page - Microchip Technology CEC1712 Datasheet HTML 143Page - Microchip Technology CEC1712 Datasheet HTML 144Page - Microchip Technology CEC1712 Datasheet HTML 145Page - Microchip Technology CEC1712 Datasheet HTML 146Page - Microchip Technology CEC1712 Datasheet HTML 147Page - Microchip Technology CEC1712 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 338 page
background image
CEC1712
DS00003416C-page 144
 2020-2021 Microchip Technology Inc.
APPLICATION NOTE:
1.
All GPIO interrupt detection configurations default to '0000', which is low level interrupt. Having interrupt detection
enabled will un-gated the clock to the GPIO module whenever the interrupt is active, which increases power con-
sumption. Interrupt detection should be disabled when not required to save power.
2.
Changing the configuration of the Interrupt edge and detection bits may generate an interrupt if it is enabled. The
GPIO should be configured and associated status bits should be cleared before enabling the Interrupt.
11.6.1.2
Pin Control Register 2
TABLE 11-3:
EDGE ENABLE AND INTERRUPT DETECTION BITS DEFINITION
Edge
Enable
Interrupt Detection Bits
Selected Function
D7
D6
D5
D4
0000
Low Level Sensitive
0001
High Level Sensitive
0010
Reserved
0011
Reserved
0100
Interrupt events are disabled
0101
Reserved
0110
Reserved
0111
Reserved
1101
Rising Edge Triggered
1110
Falling Edge Triggered
1111
Either Edge Triggered
Note:
Only edge triggered interrupts can wake up the main ring oscillator. The GPIO must be enabled for edge-
triggered interrupts and the GPIO interrupt must be enabled in the interrupt aggregator in order to wake up
the ring when the ring is shut down.
Offset
See Note 11-1
Bits
Description
Type
Default
Reset
Event
31:6
Reserved
RES
-
-
5:4
DRIVE_STRENGTH
These bits are used to select the drive strength on the pin.
00 = 2mA
01 = 4mA
10 = 8mA
11 = 12mA
R/W
00
RESET_S
YS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com