Electronic Components Datasheet Search
  English  ▼

X  

CEC1712 Datasheet(PDF) 133 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 133 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 129Page - Microchip Technology CEC1712 Datasheet HTML 130Page - Microchip Technology CEC1712 Datasheet HTML 131Page - Microchip Technology CEC1712 Datasheet HTML 132Page - Microchip Technology CEC1712 Datasheet HTML 133Page - Microchip Technology CEC1712 Datasheet HTML 134Page - Microchip Technology CEC1712 Datasheet HTML 135Page - Microchip Technology CEC1712 Datasheet HTML 136Page - Microchip Technology CEC1712 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 133
CEC1712
10.10.11 MODEM STATUS REGISTER
Offset
06h
Bits
Description
Type
Default
Reset
Event
7
DCD
This bit is the complement of the Data Carrier Detect (DCD#) input.
If bit 4 of the MCR is set to logic ‘1’, this bit is equivalent to OUT2 in
the MCR.
R0h
RESET
6RI
This bit is the complement of the Ring Indicator (RI#) input. If bit 4
of the MCR is set to logic ‘1’, this bit is equivalent to OUT1 in the
MCR.
R0h
RESET
5DSR
This bit is the complement of the Data Set Ready (DSR#) input. If
bit 4 of the MCR is set to logic ‘1’, this bit is equivalent to DTR# in
the MCR.
R0h
RESET
4CTS
This bit is the complement of the Clear To Send (CTS#) input. If bit
4 of the MCR is set to logic ‘1’, this bit is equivalent to RTS# in the
MCR.
R0h
RESET
3
DDCD
Delta Data Carrier Detect (DDCD). Bit 3 indicates that the DCD#
input to the chip has changed state.
NOTE: Whenever bit 0, 1, 2, or 3 is set to a logic ‘1’, a MODEM
Status Interrupt is generated.
R0h
RESET
2TERI
Trailing Edge of Ring Indicator (TERI). Bit 2 indicates that the RI#
input has changed from logic ‘0’ to logic ‘1’.
R0h
RESET
1
DDSR
Delta Data Set Ready (DDSR). Bit 1 indicates that the DSR# input
has changed state since the last time the MSR was read.
R0h
RESET
0
DCTS
Delta Clear To Send (DCTS). Bit 0 indicates that the CTS# input to
the chip has changed state since the last time the MSR was read.
R0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com