Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 98Page - Microsemi Corporation DS0128 Datasheet HTML 99Page - Microsemi Corporation DS0128 Datasheet HTML 100Page - Microsemi Corporation DS0128 Datasheet HTML 101Page - Microsemi Corporation DS0128 Datasheet HTML 102Page - Microsemi Corporation DS0128 Datasheet HTML 103Page - Microsemi Corporation DS0128 Datasheet HTML 104Page - Microsemi Corporation DS0128 Datasheet HTML 105Page - Microsemi Corporation DS0128 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
92
The following table lists the µSRAM in 512 × 2 mode in worst commercial-case conditions when
TJ = 85 °C, VDD = 1.14 V.
Write address hold time
TADDRCHD
0.245
0.288
ns
Write enable setup time
TWECSU
0.397
0.467
ns
Write enable hold time
TWECHD
–0.03
–0.03
ns
Maximum frequency
FMAX
250
250
MHz
Table 242 • µSRAM (RAM512x2) in 512 × 2 Mode
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max
Read clock period
TCY
44
ns
Read clock minimum pulse width high
TCLKMPWH
1.8
1.8
ns
Read clock minimum pulse width low
TCLKMPWL
1.8
1.8
ns
Read pipeline clock period
TPLCY
44
ns
Read pipeline clock minimum pulse width high
TPLCLKMPWH 1.8
1.8
ns
Read pipeline clock minimum pulse width low
TPLCLKMPWL
1.8
1.8
ns
Read access time with pipeline register
TCLK2Q
0.27
0.31
ns
Read access time without pipeline register
1.76
2.08
ns
Read address setup time in synchronous mode
TADDRSU
0.301
0.354
ns
Read address setup time in asynchronous mode
1.96
2.306
ns
Read address hold time in synchronous mode
TADDRHD
0.137
0.161
ns
Read address hold time in asynchronous mode
–0.58
–0.68
ns
Read enable setup time
TRDENSU
0.278
0.327
ns
Read enable hold time
TRDENHD
0.057
0.067
ns
Read block select setup time
TBLKSU
1.839
2.163
ns
Read block select hold time
TBLKHD
–0.65
–0.77
ns
Read block select to out disable time (when pipelined
register is disabled)
TBLK2Q
2.14
2.52
ns
Read asynchronous reset removal time (pipelined clock)
TRSTREM
–0.02
–0.03
ns
Read asynchronous reset removal time (non-pipelined
clock)
0.046
0.054
ns
Read asynchronous reset recovery time (pipelined clock)
TRSTREC
0.507
0.597
ns
Read asynchronous reset recovery time (non-pipelined
clock)
0.236
0.278
ns
Read asynchronous reset to output propagation delay (with
pipelined register enabled)
TR2Q
0.83
0.98
ns
Read synchronous reset setup time
TSRSTSU
0.271
0.319
ns
Read synchronous reset hold time
TSRSTHD
0.061
0.071
ns
Table 241 • µSRAM (RAM256x4) in 256 × 4 Mode (continued)
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com