Electronic Components Datasheet Search
  English  ▼

X  

DS0128 Datasheet(PDF) 104 Page - Microsemi Corporation

Part # DS0128
Description  IGLOO2 FPGA and SmartFusion2 SoC FPGA
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DS0128 Datasheet(HTML) 104 Page - Microsemi Corporation

Back Button DS0128 Datasheet HTML 100Page - Microsemi Corporation DS0128 Datasheet HTML 101Page - Microsemi Corporation DS0128 Datasheet HTML 102Page - Microsemi Corporation DS0128 Datasheet HTML 103Page - Microsemi Corporation DS0128 Datasheet HTML 104Page - Microsemi Corporation DS0128 Datasheet HTML 105Page - Microsemi Corporation DS0128 Datasheet HTML 106Page - Microsemi Corporation DS0128 Datasheet HTML 107Page - Microsemi Corporation DS0128 Datasheet HTML 108Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Microsemi Proprietary and Confidential DS0128 Datasheet Revision 12.0
94
2.3.13
Programming Times
The following tables list the programming times in typical conditions when TJ = 25 °C, VDD = 1.2 V.
External SPI flash part# AT25DF641-s3H is used during this measurement.
Read asynchronous reset recovery time (pipelined clock)
TRSTREC
0.507
0.597
ns
Read asynchronous reset recovery time (non-pipelined clock)
0.236
0.278
ns
Read asynchronous reset to output propagation delay (with
pipelined register enabled)
TR2Q
0.83
0.98
ns
Read synchronous reset setup time
TSRSTSU
0.271
0.319
ns
Read synchronous reset hold time
TSRSTHD
0.061
0.071
ns
Write clock period
TCCY
44
ns
Write clock minimum pulse width high
TCCLKMPWH 1.8
1.8
ns
Write clock minimum pulse width low
TCCLKMPWL
1.8
1.8
ns
Write block setup time
TBLKCSU
0.404
0.476
ns
Write block hold time
TBLKCHD
0.007
0.008
ns
Write input data setup time
TDINCSU
0.003
0.004
ns
Write input data hold time
TDINCHD
0.137
0.161
ns
Write address setup time
TADDRCSU
0.088
0.104
ns
Write address hold time
TADDRCHD
0.247
0.29
ns
Write enable setup time
TWECSU
0.397
0.467
ns
Write enable hold time
TWECHD
–0.03
–0.03
ns
Maximum frequency
FMAX
250
250
MHz
Table 244 • JTAG Programming (Fabric Only)
M2S/M2GL
Device
Image size Bytes
Program
Verify
Unit
005
302672
22
10
Sec
010
568784
28
18
Sec
025
1223504
51
26
Sec
050
2424832
66
54
Sec
060
2418896
77
54
Sec
090
3645968
113
126
Sec
150
6139184
155
193
Sec
Table 243 • µSRAM (RAM1024x1) in 1024 × 1 Mode (continued)
Parameter
Symbol
–1
–Std
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com