Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 108Page - Renesas Technology Corp M37151 Datasheet HTML 109Page - Renesas Technology Corp M37151 Datasheet HTML 110Page - Renesas Technology Corp M37151 Datasheet HTML 111Page - Renesas Technology Corp M37151 Datasheet HTML 112Page - Renesas Technology Corp M37151 Datasheet HTML 113Page - Renesas Technology Corp M37151 Datasheet HTML 114Page - Renesas Technology Corp M37151 Datasheet HTML 115Page - Renesas Technology Corp M37151 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
111
Rev. 1.0
Values immediately after reset release
Bit attributes
(Note 1)
(Note 2)
Bit position
2: Bit attributes••••••The attributes of control register bits are classified into 3 types : read-only, write-only
and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is assigned
Notes 1: Values immediately after reset release
0 ••••••••••••••••••“0” after reset release
1 ••••••••••••••••••“1” after reset release
Indeterminate•••Indeterminate after reset
release
••••••Read enabled
••••••Read disabled
R
–
R••••••Read
••••••Write enabled
••••••Write disabled
••••••“0” can be set by software, but “1”
cannot be set.
W••••••Write
W
–
✽
b7 b6 b5 b4 b3 b2 b1 b0
B
Af t er re RW
CPU Mode Register
0, 1
2
3, 4
0
1
Name
Functions
Processor mode bits
(CM0, CM1)
0 0: Single-chip mode
0 1:
1 0:
Not available
1 1:
Fix these bits to “1.”
1
Stack page selection
bit (See note) (CM2)
1
b1 b0
0: 0 page
1: 1 page
1
0
0
5
1
Nothing is assigned. This bit is write disable bit.
When this bit is read out, the value is “1.”
6, 7
0
Clock switch bits
(CM6, CM7)
0 0: f(XIN) = 8 MHz
0 1: f(XIN) = 12 MHz
1 0: f(XIN) = 16 MHz
1 1: Do not set
b7 b6
CPU mode register (CPUM) (CM) [Address 00FB16]
R W
RW
RW
R W
RW
<Example>
Structure of Register
The figure of each register structure describes its functions, contents
at reset, and attributes as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com