Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 110Page - Renesas Technology Corp M37151 Datasheet HTML 111Page - Renesas Technology Corp M37151 Datasheet HTML 112Page - Renesas Technology Corp M37151 Datasheet HTML 113Page - Renesas Technology Corp M37151 Datasheet HTML 114Page - Renesas Technology Corp M37151 Datasheet HTML 115Page - Renesas Technology Corp M37151 Datasheet HTML 116Page - Renesas Technology Corp M37151 Datasheet HTML 117Page - Renesas Technology Corp M37151 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
113
Rev. 1.0
Address 00C316
Address 00C616
1
0
2
Port P1 direction register
4
b7 b6 b5 b4 b3 b2 b1 b0
Fix this bit to "0"
1
W
R
0
W
R
5
6
7
3
0
W
R
0
W
R
0
W
R
0
W
R
1
W
R
0
W
R
0
Port P1 direction register
Port P1 direction register (D1) [Address 00C316]
B
Name
Functions
After reset R W
0 : Port P10 input mode (note)
1 : Port P10 output mode
0 : Port P11 input mode
1 : Port P11 output mode
0 : Port P12 input mode
1 : Port P12 output mode
0 : Port P13 input mode
1 : Port P13 output mode
0 : Port P14 input mode
1 : Port P14 output mode
0 : Port P15 input mode
1 : Port P15 output mode
0 : Port P16 input mode
1 : Port P16 output mode
Note: When using P10 as a general-purpose port, set the Clock Control Register 3 (address 021216) bit 7 to 1.
When using P10 as a clock control signal, refer to 8.14.1 oscillation control.
P10 becomes clock control signal output and “H” output setting immediately after reset release , and P16
becomes “L” output setting after reset release.
Port P3 register (P3)
[Address 00C616]
Port P3 register
0
1
2
Port P3 register
Indeterminate
Indeterminate
W
R
4 to
7
b7 b6 b5 b4 b3 b2 b1 b0
Nothing is assigned. This bit is write disable bit.
When this bit is read out, the value is "0."
W
R
0
W
R
0
–
R
3
(BSEL20)
(See note)
0
W
R
SCL3/P31-SCL1/P11
SDA3/P30-SDA1/P13
Connection control bit (BSEL21)
Notes • For the ports used as the Multi-master I
2C-BUS interface, set their direction registers to 1.
• To use SCL3 and SDA3, set the I
2C Control Register (address 00F916) bits 6–7 to 0.
B
Name
Functions
After reset
R W
Port P30 data
Port P31 data
Switch bit of I
2C-BUS
interface and port P3
0:
Port P30, Port P31
1: I
2CBUS (SDA3,SCL3)
0: Cutting
1: Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com