Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 114Page - Renesas Technology Corp M37151 Datasheet HTML 115Page - Renesas Technology Corp M37151 Datasheet HTML 116Page - Renesas Technology Corp M37151 Datasheet HTML 117Page - Renesas Technology Corp M37151 Datasheet HTML 118Page - Renesas Technology Corp M37151 Datasheet HTML 119Page - Renesas Technology Corp M37151 Datasheet HTML 120Page - Renesas Technology Corp M37151 Datasheet HTML 121Page - Renesas Technology Corp M37151 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
117
Rev. 1.0
b7 b6 b5 b4 b3 b2 b1 b0
Block control register i (BCi) (i=1, 2) [Addresses 00D216 and 00D316]
Block Control register i
0, 1 Display mode
selection bits
(BCi0, BCi1)
(See note 1)
Indeterminate
2, 3 Dot size selection
bits (BCi2, BCi3)
b4
b3
b2 Pre-divide Ratio
Dot Size
4
Pre-divide ratio
selection bit (BCi4)
5
7
Window top/bottom
boundary control bit
(BCi7)
Notes 1: Tc is OSD clock cycle divided in pre-divide circuit.
2: H is HSYNC.
6
Vertical display start
position control bit
(BCi6)
BC16: Block 1
BC26: Block 1
b1 b0
0 0: Display OFF
0 1: CC mode
1 0: OSD mode (Border OFF)
1 1: OSD mode (Border ON)
00
01
10
11
00
01
10
11
0
1
✕ 2
✕ 3
1Tc ✕ 1/2H
1Tc ✕ 1H
2Tc ✕ 2H
3Tc ✕ 3H
1Tc ✕ 1/2H
1Tc ✕ 1H
2Tc ✕ 2H
3Tc ✕ 3H
BC17: Window top boundary
BC27: Window bottom boundary
B
Name
Functions
After reset
RW
RW
Indeterminate RW
Indeterminate RW
Indeterminate RW
Indeterminate RW
Indeterminate RW
0: 2 value output control
1: 3 value output control
(notes 3)
3: Refer to the corresponding figure 8.11.18.
OUToutput control bit
(BCi5)
Address 00D116
Address 00D216, 00D316
b7 b6 b5 b4 b3 b2 b1 b0
Horizontal position register (HP) [Address 00D116]
B
Name
Horizontal Position Register
7
Horizontal display start
position control bits
(HP0 to HP6)
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Functions
After reset R W
Horizontal display start position
4Tosc ✕ n
(n: setting value, Tosc: OSD oscillation cycle)
0
0
RW
R —
0
to
6
Note: The setting value synchronizes with the V SYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com