Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 116Page - Renesas Technology Corp M37151 Datasheet HTML 117Page - Renesas Technology Corp M37151 Datasheet HTML 118Page - Renesas Technology Corp M37151 Datasheet HTML 119Page - Renesas Technology Corp M37151 Datasheet HTML 120Page - Renesas Technology Corp M37151 Datasheet HTML 121Page - Renesas Technology Corp M37151 Datasheet HTML 122Page - Renesas Technology Corp M37151 Datasheet HTML 123Page - Renesas Technology Corp M37151 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
119
Rev. 1.0
Address 00D916
Address 00D816
b7 b6 b5 b4 b3 b2 b1 b0
Raster color register (RC) [Address 00D916]
B
Name
Functions
After reset R W
Raster Color Register
0
Raster color R
control bit (RC0)
0 : No output
1 : Output
0
1
Raster color G
control bit (RC1)
0 : No output
1 : Output
0
2
0 : No output
1 : Output
0
0
Raster color B
control bit (RC2)
RW
RW
RW
RW
3
0 : No output
1 : Output
Raster color OUT
control bit (RC3)
7
Fix these bits to “0.”
0
RW
0R W
00 0
Port function
selection bit (RC7)
0 : XCIN,
XCOUT
1 : P26, P27
4
to
6
0
0 : “
” at even field
“
” at odd field
1 : “
” at even field
“
” at odd field
b7 b6 b5 b4 b3 b2 b1 b0
I/O polarity control register (PC) [Address 00D8 16]
B
Name
Functions
After reset R W
I/O Polarity Control Register
0HSYNC input polarity
switch bit (PC0)
0 : Positive polarity input
1 : Negative polarity input
0
1
0 : Positive polarity input
1 : Negative polarity input
0
2
R, G, B output polarity
switch bit (PC2)
0 : Positive polarity output
1 : Negative polarity output
0
3
OUT1 output polarity
switch bit (PC3)
0 : Positive polarity output
1 : Negative polarity output
0
5
Display dot line selection
bit (PC5) (See note)
0
6
Field determination flag
(PC6)
0 : Even field
1 : Odd field
1
4, 7
0
VSYNC input polarity
switch bit (PC1)
RW
RW
RW
RW
RW
R —
RW
Fix these bits to “0.”
Note: Refer to the corresponding figure. 8.11.15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com