Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 115Page - Renesas Technology Corp M37151 Datasheet HTML 116Page - Renesas Technology Corp M37151 Datasheet HTML 117Page - Renesas Technology Corp M37151 Datasheet HTML 118Page - Renesas Technology Corp M37151 Datasheet HTML 119Page - Renesas Technology Corp M37151 Datasheet HTML 120Page - Renesas Technology Corp M37151 Datasheet HTML 121Page - Renesas Technology Corp M37151 Datasheet HTML 122Page - Renesas Technology Corp M37151 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
118
Rev. 1.0
Address 00D416, 00D516
Address 00D616
Address 00D716
b7 b6 b5 b4 b3 b2 b1 b0
0
to
7
R W
Vertical Position Register i
Vertical position register i (VPi) (i = 1 and 2) [Addresses 00D416, 00D516]
B
Name
Functions
After reset
RW
Inderterminate
Vertical display start
position control bits
(VPi0 to VPi7)
(See note)
Vertical display start position =
TH 5 (BCi6 ✕ 16
2 + n)
(n: setting value, TH: HSYNC cycle,
BCi6: bit 6 of block control register i)
Notes 1: Set values except “0016” to VPi when BCi6 is “0.”
2: When OS21 of OSD control register 2 = “0”, TH = 1HSYNC,
and OS21 of OSD control register 2 = “1”, TH = 2HSYNC.
b7 b6 b5 b4 b3 b2 b1 b0
0
to
7
R W
Window Register 1
Window register 1 (WN1) [Address 00D616]
B
Name
Functions
After reset
RW
Inderterminate
Window top boundary
control bits
(WN10 to WN17)
Window top border position =
TH 5 (BC17 ✕ 16
2 + n)
(n: setting value, TH: HSYNC cycle,
BC17: bit 7 of block control register 1)
Notes 1: Set values except “0016” to WN1 when BC17 is “0.”
2: Set values fit for the following condition: WN1 < WN2.
3: When OC21 of OSD control register 2 is “0”, TH is 1 HSYNC.
And when “1”, TH is 2 HSYNC.
b7 b6 b5 b4 b3 b2 b1 b0
0
to
7
R W
Window Register 2
Window register 2 (WN2) [Address 00D716]
B
Name
Functions
After reset
RW
Inderterminate
Window bottom boundary
control bits
(WN20 to WN27)
Window bottom border position =
TH 5 (BC27 ✕ 16
2 + n)
(n: setting value, TH: HSYNC cycle,
BC27: bit 7 of block control register 2)
Notes 1: Set values fit for the following condition: WN1 < WN2.
2: When OC21 of OSD control register 2 is “0”, TH is 1 HSYNC.
And when “1”, TH is 2 HSYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com