| Electronic Components Datasheet Search |
|
M37151 Datasheet(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37151 Datasheet(HTML) 121 Page - Renesas Technology Corp |
|
121 / 139 page ![]() SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP MITSUBISHI MICROCOMPUTERS 120 Rev. 1.0 Address 00DB16 Address 00DC16 b7 b6 b5 b4 b3 b2 b1 b0 0 0: 1HSYNC (normal scan) 1: 2HSYNC (by scan) 1 Vertical start position count selection bit (OC21) 2 Fix this bit to "0." 3 Nothing is assigned. This bit is write disable bit. When this bit is read out, the value is "0." 4 0 0 0 0 Nothing is assigned. This bit is write disable bit. When this bit is read out, the value is "0." Fix these bits to "0." 0 5 to 7 0: Counts one time by 1HSYNC.(normal scan) 1: Counts two time by 1HSYNC.(by scan) 00 0 0 OSD control register (OC2) [Address 00DB16] OSD Control Register 2 Inderterminate Vertical character dot size (OC20) B Name Functions After reset R W R W R W R W R W R – – – b7 b6 b5 b4 b3 b2 b1 b0 Interrupt input polarity register (RE) [Address 00DC 16] B Name Functions After reset R W Interrupt Input Polarity Register INT1 polarity switch bit (INT1) 0 0 0 0 : Positive polarity 1 : Negative polarity 0 1 0 : Positive polarity 1 : Negative polarity 2 3 to 7 INT2 polarity switch bit (INT2) INT3 polarity switch bit (INT3) Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” 0R W RW RW R — 0 : Positive polarity 1 : Negative polarity |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |