Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 112Page - Renesas Technology Corp M37151 Datasheet HTML 113Page - Renesas Technology Corp M37151 Datasheet HTML 114Page - Renesas Technology Corp M37151 Datasheet HTML 115Page - Renesas Technology Corp M37151 Datasheet HTML 116Page - Renesas Technology Corp M37151 Datasheet HTML 117Page - Renesas Technology Corp M37151 Datasheet HTML 118Page - Renesas Technology Corp M37151 Datasheet HTML 119Page - Renesas Technology Corp M37151 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
115
Rev. 1.0
1
b7 b6 b5 b4 b3 b2 b1 b0
OSD port control register (PF) [Address 00CB16]
B
Name
Functions
After reset
R W
OSD Port Control Register
0
2
0
3
0 : G signal output
1 : Port P53 output
0
0
Fix these bits to “0.”
Fix this bit to “1.”
Fix this bit to “0.”
R —
R W
R W
R W
W
0, 1
Port P53 output signal
selection bit (PF3)
4
0 : R signal output
1 : Port P54 output
0
R W
Port P54 output signal
selection bit (PF4)
0R W
0 : B signal output
1 : Port P52 output
Port P52 output signal
selection bit (PF2)
5
0 : OUT signal output
1 : Port P55 output
Port P55 output signal
selection bit (PF5)
7
0
0
Indeterminate —
6
0
Address 00CB16
Address 00CC16
Timer return setting register
Timer return setting register (TMS) [Address 00CC16]
b7 b6 b5 b4 b3 b2 b1 b0
0W
R
Fix these bits to "0."
Fix these bits to "1."
7
0
STOP mode return selection bit
(TMS)
0: Timer Count "07FF16"
1: Timer Count Variable
W
R
5, 6
0
W
R
1
1
0
0
0
0
0
Name
B
Functions
After reset R W
0 to
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com