Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 109Page - Renesas Technology Corp M37151 Datasheet HTML 110Page - Renesas Technology Corp M37151 Datasheet HTML 111Page - Renesas Technology Corp M37151 Datasheet HTML 112Page - Renesas Technology Corp M37151 Datasheet HTML 113Page - Renesas Technology Corp M37151 Datasheet HTML 114Page - Renesas Technology Corp M37151 Datasheet HTML 115Page - Renesas Technology Corp M37151 Datasheet HTML 116Page - Renesas Technology Corp M37151 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
112
Rev. 1.0
Address 00C116, 00C516
Address 00C216
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (Di) (i=0, 2) [Addresses 00C116, 00C516]
B
Name
Functions
After reset
R W
Port Pi Direction Register
1 : Port Pi0 output mode
0 : Port Pi0 input mode
0
1
0
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0
2
3
4
5
6
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0
7
0 : Port Pi7 input mode
1 : Port Pi7 output mode
0
Port Pi direction register
RW
RW
RW
RW
RW
RW
RW
RW
0
1
2
Port P1 register
W
R
4
b7 b6 b5 b4 b3 b2 b1 b0
Fix this bit to "0"
0
W
R
W
R
5
6
7
3
W
R
W
R
W
R
W
R
W
R
0
Port P1 register
Port P1 register (P1) [Address 00C216]
B
Name
Functions
After reset
R W
Port P10 data
Port P11 data
Port P12 data
Port P13 data
Port P14 data
Port P15 data
Port P16 data
Indeterminate
Indeterminate
Indeterminate
Indeterminate
Indeterminate
Indeterminate
Indeterminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com