Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 10 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 6Page - SMSC Corporation IRCC2.0 Datasheet HTML 7Page - SMSC Corporation IRCC2.0 Datasheet HTML 8Page - SMSC Corporation IRCC2.0 Datasheet HTML 9Page - SMSC Corporation IRCC2.0 Datasheet HTML 10Page - SMSC Corporation IRCC2.0 Datasheet HTML 11Page - SMSC Corporation IRCC2.0 Datasheet HTML 12Page - SMSC Corporation IRCC2.0 Datasheet HTML 13Page - SMSC Corporation IRCC2.0 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
10
Consumer IR mode is enabled with the Block
Control Bits in SCE Configuration Register A
(see page 32).
Carrier Frequency Divider
The Carrier Frequency Divider register is used to
program the ASK carrier frequency for the
transmit modulator and receive detector (Figure
5). The divider is eight bits wide.
The input clock to the Carrier Frequency Divider
is 1.6MHz (48MHz
÷ 30).
The relationship
between the divider value (CFD) and the carrier
frequency (Fc) is as follows:
CFD = (1.6MHz/Fc) - 1
For example, program the Carrier Frequency
Divider register with 41 ('29'Hex) for a 38kHz TV
Remote:
Fc = 38.095kHz.
This is ~.25%
accuracy. Table 9 contains representative CFD
vs. Carrier Frequency relationships.
The Carrier Frequency range is 1.6MHz to
6.25kHz.
The carrier frequency encoder/decoder can be
defeated using the Carrier Off bit. When Carrier
Off is one, the transmitter outputs a non-
modulated SCE serial NRZ data stream at the
programmed bit rate; the receiver does not
attempt
to
demodulate
a
carrier
from
the
incoming serial data stream.
SCE
Transmit Bit-Rate
Divider
Carrier Frequency
Divider
Clock
Programmable
Receive Carrier
Sense
Receive Bit-Rate
Divider
TV Tx
Tx Enable
Range
Sync
Rx Enable
Encoder/Decoder
Carrier Off
TV Rx
FIGURE 4 - IrCC 2.0 CONSUMER IR (REMOTE CONTROL) BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com