Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 19 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 15Page - SMSC Corporation IRCC2.0 Datasheet HTML 16Page - SMSC Corporation IRCC2.0 Datasheet HTML 17Page - SMSC Corporation IRCC2.0 Datasheet HTML 18Page - SMSC Corporation IRCC2.0 Datasheet HTML 19Page - SMSC Corporation IRCC2.0 Datasheet HTML 20Page - SMSC Corporation IRCC2.0 Datasheet HTML 21Page - SMSC Corporation IRCC2.0 Datasheet HTML 22Page - SMSC Corporation IRCC2.0 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
19
INFRARED DATA ASSOCIATION
The guidelines established by the Infrared Data
Association (IrDA) are intended to facilitate the
interconnection of computers and peripherals
using
directed
half-duplex
serial
infrared
communications.
Relevant IrDA documents
include the Serial Infrared Physical Layer Link
Specification, Version 1.1, October 17, 1995, the
Serial Infrared Link Access Protocol (IrLAP),
Version 1.1, June 16, 1996, and the Serial
Infrared Link Management Protocol (IrLMP),
Version 1.1, January 23, 1996.
The Fast extensions (FIR) to the original IrDA
physical layer specification (SIR) appear as
alternate modulation/demodulation paths for data
from IrLAP bound for the IR medium and are
fundamentally transparent to IrLAP as it is
defined for SIR. IR hardware and software must
comply as a system with the entire family of IrDA
specifications, including the Physical Layer Link
Specifications, IrLAP, and IrLMP.
A block diagram of one end of an IrDA link that
includes
the
SIR
and
FIR
physical
implementations is shown in Figure 11.
SIR Interaction Pulse
The SIR Interaction Pulse (SIP) is intended to
guarantee non-disruptive coexistence with SIR-
only systems, which might otherwise interfere
with Fast IR links.
A
SIP
is
defined
as
a
1.6
microsecond
transmitter
on
pulse
followed
by
7.1
microseconds of off time (Figure 12).
Once a
Fast connection has been established the station
must generate one SIP every 500ms.
1.152 Mbps
4 Mbps
SIR Encoder
SCE
IR
Transceiver
Module
IR Out
IR In
FIR Encoders
UART
SIP
ATC
GP DATA IRMODE
FIGURE 11 - IrCC 2.0 IrDA BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com