Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 9 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 5Page - SMSC Corporation IRCC2.0 Datasheet HTML 6Page - SMSC Corporation IRCC2.0 Datasheet HTML 7Page - SMSC Corporation IRCC2.0 Datasheet HTML 8Page - SMSC Corporation IRCC2.0 Datasheet HTML 9Page - SMSC Corporation IRCC2.0 Datasheet HTML 10Page - SMSC Corporation IRCC2.0 Datasheet HTML 11Page - SMSC Corporation IRCC2.0 Datasheet HTML 12Page - SMSC Corporation IRCC2.0 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
9
OPERATION MODES
RAW IR
In Raw mode the state of the IR emitter and
detector can be directly accessed through the
host interface (Figure 3).
The IR emitter tracks the Raw Tx Control bit in
SCE Line Control Register A.
For example,
depending on the state of the Tx Polarity control
a logic '1' may turn the LED on and a logic '0'
may turn the LED off.
Care must be taken in
software to ensure that the LED is not on
continuously.
The Raw Rx Control bit in SCE Line Control
Register A represents the state of the PIN diode.
For example, depending on the state of the Rx
Polarity control a logic '1' may mean no IR is
detected, a logic '0' may mean IR is being
detected. If an IR carrier is present, the Raw Rx
Control bit will oscillate at the carrier frequency.
If enabled, a Raw Mode Interrupt will occur when
the Raw Rx Control bit transitions to the active
state, depending on the state of the Rx Polarity
control.
Raw Mode is enabled with the Block
Control Bits in SCE Configuration Register A
(see page 32).
CONSUMER IR (REMOTE CONTROL)
The IrCC 2.0 Consumer IR (Remote Control)
block
is
a
general-purpose
programmable
Synchronous
Amplitude
Shift
Keyed
serial
communications interface that includes a Carrier
Frequency Divider, a Programmable Receive
Carrier Range Sensitivity Register, and Receive
and Transmit Modulators (Figure 4).
The Consumer IR block transfers data LSB first
between the SCE and Output Multiplexer without
framing as a fixed bit-cell serial NRZ data
stream. The components of this block can also
modulate
and
demodulate
serial
data
at
programmable bit rates and carrier frequencies.
Variable length encoding and all packet framing
are handled by system software. Consequently,
many encoding methods, modulation frequencies
and bit rates can be supported, including 38KHz
PPM, PWM and RC-5 Remote Control formats.
Register controls for this block can be found in
Register Block Two. They are the Consumer IR
Control Register, the Consumer IR Carrier Rate
Register,
and
the
Consumer
IR
Bit
Rate
Register.
RAW Tx
Registers
Transition
Detect
Enable
Interrupt
Encoder/Decoder
RAW Rx
FIGURE 3 - RAW IR BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com