Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 82 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 78Page - SMSC Corporation IRCC2.0 Datasheet HTML 79Page - SMSC Corporation IRCC2.0 Datasheet HTML 80Page - SMSC Corporation IRCC2.0 Datasheet HTML 81Page - SMSC Corporation IRCC2.0 Datasheet HTML 82Page - SMSC Corporation IRCC2.0 Datasheet HTML 83Page - SMSC Corporation IRCC2.0 Datasheet HTML 84Page - SMSC Corporation IRCC2.0 Datasheet HTML 85Page - SMSC Corporation IRCC2.0 Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
82
OUTPUT MULTIPLEXER
The
Output
Multiplexer
routes
the
active
encoder/decoder to one of three IrCC 2.0 serial
communications ports. There are no restrictions
on any of these connections other than Rx/Tx
source pairs go to the same destination (Figure
51).
Descriptions of the Block Control, Output
Mux, and Aux IR signals can be found in the
SCE Configuration Registers in Register Block
One.
The Rx and Tx Polarity controls determine the
active states for the IR port signals, see SCE
Configuration Register A. The state of inactive
IR outputs depends upon the Tx Polarity bit; e.g.,
if Tx Polarity is one (default), inactive outputs will
be 0.
Routing for the COM Port flow-control
signals is fixed. When the COM Port is inactive,
the flow-control signals behave according to the
current SMSC 16C550A serial port specification.
Note: The Tx/Rx Polarity bits do not apply when
COM mode is selected.
There are GP Data pins that reflect the state of
General Purpose Data and Fast bits (5-6) of Line
Control Register A, in Register Block Zero,
Address Four. The state of the GP Data pins is
independent of the IrCC 2.0 Block Controls or
the Output Multiplexer.
Note: This figure is for illustration purposes only and is not intended to suggest specific implementation
details.
nCTS
nDCD
IRRx
IRTx
ARx
ATx
CRx
CTx
nDSR
nRTS
nDTR
nRI
1 to 3
Demux.
3 to 1
Mux.
1 to 6
Demux.
6 to 1
Mux.
2 to 1
Mux.
Raw Rx
Raw Tx
TV Rx
TV Tx
ASK Rx
ASK Tx
IrDA SIR Rx
IrDA SIR Tx
COM Rx
COM Tx
Output
Mux.
2
4
Block
Control
Aux.
IR
1
IR
Port
AUX
Port
COM
Port
1
Tx
Polarity
1
Rx
Polarity
G.P. Data
GP Data G.P.
Port
IrDA FIR Rx
IrDA FIR Tx
Fast
Fast
Transmit
PW
Limiter
Tx PW
Limit
1
IR
Media
Busy
Detect
RX PW
Reject
1
FIGURE 51 - OUTPUT MUX WITH TRANSMIT PULSE WIDTH LIMITER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com