Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 43 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 39Page - SMSC Corporation IRCC2.0 Datasheet HTML 40Page - SMSC Corporation IRCC2.0 Datasheet HTML 41Page - SMSC Corporation IRCC2.0 Datasheet HTML 42Page - SMSC Corporation IRCC2.0 Datasheet HTML 43Page - SMSC Corporation IRCC2.0 Datasheet HTML 44Page - SMSC Corporation IRCC2.0 Datasheet HTML 45Page - SMSC Corporation IRCC2.0 Datasheet HTML 46Page - SMSC Corporation IRCC2.0 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
43
programmable from 0ms to 25.5ms in 100
µs
intervals. The IR Half Duplex Timeout register
behaves
like
the
other
Legacy
Chip-Level
Controls described in the Interface Description;
i.e., the IR Half Duplex Timeout is uniformly
updated in the IrCC 2.0 and the chip-level
configuration
registers
when
either
set
of
registers are explicitly written using IOW or
following a POR. IrCC 2.0 software resets do not
affect the IR Half Duplex Timeout register. The
effects of the IR Half Duplex Timeout apply to the
SCE receiver/transmitter as well as the ACE
receiver/transmitter. The IR Half Duplex Timeout
applies to all SCE encoder/decoder types except
for the RAW Mode.
SCE Transmit Delay Timer Register
(Address 2)
SCE Transmit Delay Timer, bits 0 - 6
The SCE Transmit Delay Timer delays the
internal activation of the SCE transmitter (Tx
Enable)
by
a
programmable
time
interval
following a transmit command (see the Transmit
Timing
section
on
page
61).
Transmit
commands are issued using the SCE Modes
bits.
The
SCE
Transmit
Delay
Timer
is
programmable from 0ms to 12.70ms in 100
µS
intervals. The relationship of the SCE Transmit
Delay Timer Register (Treg) to the SCE Transmit
Delay Time (Tdelay) is given by:
Tdelay = Treg • 100µS
The SCE Transmit Delay Timer applies to all
SCE encoder types except for the RAW Mode
encoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com