Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 65 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 61Page - SMSC Corporation IRCC2.0 Datasheet HTML 62Page - SMSC Corporation IRCC2.0 Datasheet HTML 63Page - SMSC Corporation IRCC2.0 Datasheet HTML 64Page - SMSC Corporation IRCC2.0 Datasheet HTML 65Page - SMSC Corporation IRCC2.0 Datasheet HTML 66Page - SMSC Corporation IRCC2.0 Datasheet HTML 67Page - SMSC Corporation IRCC2.0 Datasheet HTML 68Page - SMSC Corporation IRCC2.0 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
65
Framing Errors
The IrDA FIR pulse and signaling violations listed
in this section are considered framing errors.
When the Frame Error bit in the IrCC 2.0 Line
Status register is one, a framing error has
occurred. The IrDA receiver response to framing
errors depends upon when the errors occur.
Framing errors that occur before a valid BOF has
been detected will always set the Frame Error bit
but will not alter the system state in any other
way; i.e., the abort bit is not activated. If framing
errors occur following a valid BOF, i.e. while
nActive Frame is zero, the message is aborted.
For
both
the
HDLC
and
4PPM
encoding
schemes, messages with data fields larger than
the value contained in the data size register
violate IrDA framing rules but are not aborted.
Note: The Size Error and the Frame Error bits
are set. Typically, pulses less than 60ns are
ignored in all modes (see Rx PW Reject, bit 5, on
page 36).
The events listed in the following
sections are framing errors.
1.152 Mbps
Pulse Widths greater than one bit-cell.
Invalid
BOF: includes data fields before BOF, pulse-
width violations during BOF, and subsequent
invalid BOFs (including Aborts) following a valid
BOF before the Address field. Invalid data fields:
includes frames with invalid data field characters
(including aborts), and pulse-width violations
during a data field (including during CRC).
Invalid EOF fields: includes invalid EOF flags
(including Aborts), pulse-width violations, and
subsequent invalid EOFs following a valid EOF.
4 Mbps
Pulse Widths greater than two chip times. Invalid
PA field: includes invalid PA symbols, pulse-
width violations, and subsequent invalid PA
symbols following at least one valid PA symbol
(including Aborts) before the STA field. Invalid
STA field: includes invalid STA symbols, pulse-
width violations, and subsequent invalid STA
symbols following at least one valid symbol
(including Aborts) before the payload data.
Invalid Data
field: includes frames with invalid
data symbols (including Aborts), and pulse-width
violations during a data field (including during
CRC).
Invalid EOF field: includes invalid EOF
flag (including Aborts), pulse-width violations,
and subsequent invalid EOFs following a valid
EOF.
CONSUMER IR ENCODER TIMING
The Consumer IR-mode SCE does not require
the framing signals that are specified in the IrDA-
mode timing, although both modes utilize the
nActive
Frame
and
EOM
Interrupt.
The
Consumer IR-mode SCE operates at the bit
rates set in the Consumer IR Bit Rate Register.
The Consumer IR-mode SCE can operate in
Programmed I/O or DMA mode.
The CRC
Generator is not used.
Transmit Timing
The SCE Remote Control transmitter uses the
same enabling mechanisms as the IrDA-mode
transmitter (see page 61). Note: the IrDA-mode
Active SIP Pulse Tx Enable timing restriction
does not apply.
Once enabled, the Remote
Control transmitter operates until the FIFO
underruns (Figure 30). The nActive Frame and
EOM Interrupt signals behave as shown.
The
SCE Modes bits are reset to zero, disabling the
transmitter, following nActive Frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com