Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 36 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 32Page - SMSC Corporation IRCC2.0 Datasheet HTML 33Page - SMSC Corporation IRCC2.0 Datasheet HTML 34Page - SMSC Corporation IRCC2.0 Datasheet HTML 35Page - SMSC Corporation IRCC2.0 Datasheet HTML 36Page - SMSC Corporation IRCC2.0 Datasheet HTML 37Page - SMSC Corporation IRCC2.0 Datasheet HTML 38Page - SMSC Corporation IRCC2.0 Datasheet HTML 39Page - SMSC Corporation IRCC2.0 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
36
programmed in the Rx Data Size register in SCE
Register Block Four; where
Actual Byte Count = Rx Data Size - Message
Byte Count
For example, if the Rx Data Size register is
programmed
for
2048
(0x0800)
bytes
(the
maximum sized IrDA message) and the Message
Byte Count Register is 0x0000 following the
message reception, the actual size of the
received message is 2048 bytes. The message
byte counts are reset to 0x0000 at POR, Master
Reset, and Error Reset (see the SCE Master
Block Control register).
Message Byte Count Low Byte (Address 4)
This register contains the lower byte of the
Message Byte Counts.
Message Byte Count High Byte (Address 5)
Bits D[3:0] in this register contain the upper
nibble of the Message Byte Counts. The upper
nibble D[7:4] of Address 5 is reserved. Reserved
bits cannot be written and return 0 when read.
SCE Configuration Register C (Address 6)
MFW, bit 7
The MFW bit determines whether Multi-frame
windows use the Tx Data Size Register or the
Message Byte Count Registers to determine the
frame size per message during transmits. Table
24 summarizes the encoding of the MFW bit.
See the Multi-Frame Window Support section on
page 67 for more details.
Table 24 - MFW Bit Encoding
MFW
BIT
DESCRIPTION
0
Fixed Frame Mode (default):
MFW Frame length determined by Tx Data Size
Register, unlimited messages
1
Variable Frame Mode:
MFW Frame length determined by Message Byte
Counts, eight messages max.
Tx PW Limit, bit 6
The Tx PW Limit bit enables hardware designed
to restrict the IR transmit pulse width (see the
Transmit Pulse Width Limit section on page 83).
If Tx PW Limit = 0, The TRANSMIT PULSE
WIDTH LIMIT hardware is defeated and no
transmit pulse width restrictions are made. If Tx
PW Limit = 1, The TRANSMIT PULSE WIDTH
LIMIT hardware will prevent pulses larger than
100Fs with a 25% duty cycle from appearing at
the IrCC TX output ports.
Rx PW REJECT, bit 5
The Rx PW Reject bit is used to defeat the IR Rx
pulse width rejection filter for the 4PPM IrDA
decoder. If Rx PW Reject = 1 (active) the existing
4PPM Rx pulse width rejection filtering is
enabled. If Rx PW Reject = 0 (inactive) the
4PPM Rx pulse width rejection filter is disabled,
although the receiver will not see pulses that are
less than TPW_MIN (see IR Busy, bit 3, on page
27). Figure 51 contains a TPW_MIN detector/filter
that might be used to fulfill the IR rx pulse width
rejection filtering requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com