Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 29 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 25Page - SMSC Corporation IRCC2.0 Datasheet HTML 26Page - SMSC Corporation IRCC2.0 Datasheet HTML 27Page - SMSC Corporation IRCC2.0 Datasheet HTML 28Page - SMSC Corporation IRCC2.0 Datasheet HTML 29Page - SMSC Corporation IRCC2.0 Datasheet HTML 30Page - SMSC Corporation IRCC2.0 Datasheet HTML 31Page - SMSC Corporation IRCC2.0 Datasheet HTML 32Page - SMSC Corporation IRCC2.0 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
29
Abort, bit 2
The Abort bit is used to cancel messages in
progress. When the Abort bit is set to one, an
IrDA Abort sequence is sent, the EOM flag is
activated, and the SCE FIFO is cleared.
The
Abort bit is reset to zero following EOM. Abort
can be used during IrDA FIR transmit mode only.
Data Done, bit 1
When set to one, the Data Done bit is used
during transmit to distinguish an end-of-valid-
message-data condition from a FIFO Underrun
that
indicates
incomplete
message
data.
Terminal Count automatically activates the Data
Done
bit
during
DMA
operations.
Note:
The Data Done bit is not activated by TC during
receive operations.
Data Done is automatically
reset to zero following the end of a message only
if the FIFO is empty.
Line Control Register B (Address 5)
SCE Modes, bits 6 - 7
The SCE Modes bits enable the SCE transmitter
and receiver (Table 16). These bits are R/W and
must be manually reset by the host following
IrDA message transactions.
The SCE Modes
bits are automatically reset by the hardware
following Consumer IR messages.
Note: the
SCE Modes bits must be zero for loopback tests.
Table 16 - SCE Modes
D7
D6
MODE DESCRIPTION
0
0
Receive/Transmit Disabled (default)
0
1
Transmit Mode
1
0
Receive Mode
1
1
Undefined
Transmit Mode
Transmit mode enables the SCE IrDA FIR and
Consumer IR transmitters whenever TC goes
active, or the FIFO THRESHOLD has been
exceeded (see the Transmit Timing section on
page 61).
In Transmit mode, the SCE FIFO
input is connected to the Host System Data Bus
and the FIFO output is connected to the SCE
transmitter input.
Transmit mode is strictly
software controlled when the IrDA FIR encoders
are active. The Consumer IR encoder will reset
Transmit mode in hardware following the rising
edge
of
nActive
Frame
following
a
FIFO
underrun.
Receive Mode
Receive mode enables the SCE IrDA FIR and
Consumer IR receivers (see the Receive Timing
section on page 66). In Receive mode, the SCE
FIFO output is connected to the Host System
Data Bus, the FIFO input is connected to the
SCE receiver output.
Receive mode is strictly
software controlled when the IrDA FIR encoders
are active. The Consumer IR encoder will reset
Receive mode in hardware following the rising
edge
of
nActive
Frame
following
a
FIFO
underrun or TC.
SIP Enable, bit 5
If the SIP Enable is one, an SIR Interaction Pulse
occurs every 500ms if an IrDA FIR mode has
been selected and the transmitter or receiver is
not otherwise engaged (see the SIR Interaction
Pulse section on page 19).
Brick Wall, bit 4
When the Brick Wall bit is active the IrCC 2.0
sends back-to-back IrDA FIR frames separated
by the number of additional flags specified in the
brick wall count register (see the Multi-Frame
Window Support section on page 67). The Data
Size register or the Message Byte Counters can
be used when the Brick Wall bit is active to send
back-to-back IrDA FIR frames when the DMA
data block is larger than the IrDA message
length. In this case, if the maximum number of
data bytes according to the Tx Data Size register
or
a
Message
Byte
Counter
have
been



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com