Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 56 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 52Page - SMSC Corporation IRCC2.0 Datasheet HTML 53Page - SMSC Corporation IRCC2.0 Datasheet HTML 54Page - SMSC Corporation IRCC2.0 Datasheet HTML 55Page - SMSC Corporation IRCC2.0 Datasheet HTML 56Page - SMSC Corporation IRCC2.0 Datasheet HTML 57Page - SMSC Corporation IRCC2.0 Datasheet HTML 58Page - SMSC Corporation IRCC2.0 Datasheet HTML 59Page - SMSC Corporation IRCC2.0 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
56
Table 34 - Register Summary For An Individual UART Channel (continued)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Data Bit 6
Data Bit 7
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Data Bit 6
Data Bit 7
Enable Receiver
Line Status
Interrupt (ELSI)
Enable MODEM
Status Interrupt
(EMSI)
0
0
0
0
Interrupt ID Bit
Interrupt ID Bit
(Note 4)
0
0
FIFOs Enabled
(Note 4)
FIFOs Enabled
(Note 4)
XMIT FIFO
Reset
DMA Mode
Select (Note 5)
Reserved
Reserved
RCVR Trigger
LSB
RCVR Trigger
MSB
Number of Stop
Bits (STB)
Parity Enable
(PEN)
Even Parity
Select (EPS)
Stick Parity
Set Break
Divisor Latch
Access Bit
(DLAB)
OUT1
(Note 3)
OUT2
(Note 3)
Loop
0
0
0
Parity Error (PE)
Framing Error
(FE)
Break Interrupt
(BI)
Transmitter
Holding Register
(THRE)
Transmitter
Empty (TEMT)
(Note 2)
Error in RCVR
FIFO (Note 4)
Trailing Edge
Ring Indicator
(TERI)
Delta Data
Carrier Detect
(DDCD)
Clear to Send
(CTS)
Data Set Ready
(DSR)
Ring Indicator
(RI)
Data Carrier
Detect (DCD)
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 10
Bit 11
Bit 12
Bit 13
Bit 14
Bit 15
Note 3: This bit no longer has a pin associated with it.
Note 4: These bits are always zero in the non-FIFO mode.
Note 5: Writing a one to this bit has no effect. DMA modes are not supported in this chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com