Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 31 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 27Page - SMSC Corporation IRCC2.0 Datasheet HTML 28Page - SMSC Corporation IRCC2.0 Datasheet HTML 29Page - SMSC Corporation IRCC2.0 Datasheet HTML 30Page - SMSC Corporation IRCC2.0 Datasheet HTML 31Page - SMSC Corporation IRCC2.0 Datasheet HTML 32Page - SMSC Corporation IRCC2.0 Datasheet HTML 33Page - SMSC Corporation IRCC2.0 Datasheet HTML 34Page - SMSC Corporation IRCC2.0 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
31
Bus Status Register (Address 6)
FIFO Indicators (read-only)
The FIFO Indicators reflect the current status of
the SCE FIFO.
FIFO Not Empty, bit 7
The FIFO Not Empty bit when set to one
indicates that there is data in the SCE FIFO.
FIFO Full, bit 6
The FIFO Full bit when set to one indicates that
there is no room for data in the SCE FIFO.
Time-Out, bit 5
The Time-Out bit is the IOCHRDY time-out error
bit. The Time-Out bit when set to one indicates
that an IOCHRDY time-out error has occurred
(see the IOCHRDY Time-Out section on page
79). Time-Out is reset by the IrCC 2.0 System
Reset, following a read of the Bus Status
register, and following a Master Reset.
Memory Count, bits 1-4
Memory Count indicates the status of received
IrDA messages in memory.
Memory Count is
incremented
whenever
the
first
byte
of
a
message is read from the SCE FIFO.
For
example, if Memory Count=3, there are currently
two complete messages in memory.
Legal
Memory counts are 0-8; i.e., there can be a
maximum of eight contiguous received IrDA
messages.
Memory Count is only valid during
receive. Memory Count is reset to zero during
POR, Master Reset, and Error Reset (see the
Master Block Control register). Note: Memory
Count is closely related to the Message Count in
SCE Line Control Register B. Memory Count will
typically
fall
behind
the
Message
Count
depending on the size of the received messages
and the speed of the host bus interface.
Valid Frame, bit 0
The Valid Frame bit reflects the state of the
internal state variable nActive Frame.
When
nActive Frame=0 (active) Valid Frame=1 (active).
When nActive Frame=1 (inactive) Valid Frame=0
(inactive).
Valid Frame is only defined for the
SCE
IrDA
FIR
and
Consumer
IR
Encoder/Decoders during Transmit and Receive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com