Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 67 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 63Page - SMSC Corporation IRCC2.0 Datasheet HTML 64Page - SMSC Corporation IRCC2.0 Datasheet HTML 65Page - SMSC Corporation IRCC2.0 Datasheet HTML 66Page - SMSC Corporation IRCC2.0 Datasheet HTML 67Page - SMSC Corporation IRCC2.0 Datasheet HTML 68Page - SMSC Corporation IRCC2.0 Datasheet HTML 69Page - SMSC Corporation IRCC2.0 Datasheet HTML 70Page - SMSC Corporation IRCC2.0 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
67
MULTI-FRAME WINDOW SUPPORT
The IrCC 2.0 can send and receive up to eight
unacknowledged data frames, i.e. a multi-frame
window.
Sending and receiving multi-frame
windows is accomplished with DMA blocks that
are larger than the size of an individual IrDA
message frame.
The MFW bit (see the SCE
Configuration Register C (Address 6) on page
32) determines whether multi-frame windows use
the Tx Data Size Register or the Message Byte
Count Registers to determine the frame size per
message in multi-frame windows. All multi-frame
window support can occur in both Brick Walled
and non-Brick Walled modes.
Fixed Frame-Size Windows
Transmit
When MFW bit = 0, the Tx Data Size register is
used to determine the size of message frames in
a multi-frame window.
For fixed frame-size
windows all message frames will be the same
size except for the last frame which may be
smaller.
Fixed frame-size transmit multi-frame
windows can occur in both Brick Walled and non-
Brick Walled modes.
Non-Brickwalled MFWs
To support non-Brick Walled fixed frame-size
multi-frame windows set the SCE Modes bits to
zero and initialize the DMA controller with a
message block that is the size of all of the
messages to be transferred in the window, i.e.,
no larger than Tx Data Size
× n, where n is the
number of message frames in the window.
Initialize the Tx Data Size register, choose the
appropriate encoder, start the transmitter, and
wait for an EOM interrupt. Reset and then re-
enable the transmitter DMA block-size
÷ Tx Data
Size times, until all of the messages in the DMA
block have been transferred.
Reset the FIFO
Threshold for the last frame, if necessary.
Brickwalled MFWs
To support Brick Walled multi-frame windows set
the SCE Modes bits to zero and initialize the
DMA controller with a data block that is the size
of all of the messages to be transferred in the
window, i.e., no larger than Tx Data Size
× n,
where n is the number of message frames in the
window.
Choose the appropriate encoder,
initialize the Brick Wall Count, and set the Brick
Wall bit. Start the transmitter once only and wait
for DMA block-size
÷ Tx Data Size EOF
interrupts
until
the
DMA
block
has
been
transferred.
Receive
FIFO Full
EOM Interrupt
Rx Enable
nActive Frame
Active Frame Int.
Zero Detect
Overrun
FIGURE 33 - REMOTE CONTROL RX ABORT ON OVERRUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com