Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 80 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 80 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 76Page - SMSC Corporation IRCC2.0 Datasheet HTML 77Page - SMSC Corporation IRCC2.0 Datasheet HTML 78Page - SMSC Corporation IRCC2.0 Datasheet HTML 79Page - SMSC Corporation IRCC2.0 Datasheet HTML 80Page - SMSC Corporation IRCC2.0 Datasheet HTML 81Page - SMSC Corporation IRCC2.0 Datasheet HTML 82Page - SMSC Corporation IRCC2.0 Datasheet HTML 83Page - SMSC Corporation IRCC2.0 Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
80
IOCHRDY Timer
The 10Fs IOCHRDY Timer is initialized when
IOCHRDY is active. The timer count sequence
is activated when IOCHRDY goes inactive.
If
IOCHRDY becomes active before the 10Fs time-
out has elapsed, the timer is stopped and the
count is re-initialized. If IOCHRDY is still inactive
when the 10Fs time-out occurs, the timer stops,
the time-out error bit is set, IOCHRDY is re-
asserted, and the string move bit is reset (Figure
49).
Zero Wait State Support
nSRDY
nSRDY can be driven by the IrCC 2.0 to indicate
that an access cycle shorter than the standard
I/O cycle can be executed.
Note: The names
nSRDY & nNOWS can be used interchangeably.
nSRDY is enabled by the No Wait bit in SCE
Configuration Register B. When No Wait is one,
nSRDY goes active following the trailing edge of
the ISA I/O command and inactive following the
rising edge (Figure 50). nSRDY is suppressed
during DMA & refresh cycles, i.e. when AEN is
active, or when IOCHRDY is inactive. Zero Wait
State support is only available when the SCE is
enabled.
String Move
IOCHRDY
IOR
FIFO Not Empty
AEN
24ns (max)
10us (max)
FIGURE 48 - VALID I/O READ READY CYCLE
String Move
IOCHRDY
IOR
FIFO Not Empty
AEN
10us
IOCHRDY Time-out
Start
Timer
IOCHRDY
Error
FIGURE 49 - IOCHRDY 10FS TIME-OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com