Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 62 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 58Page - SMSC Corporation IRCC2.0 Datasheet HTML 59Page - SMSC Corporation IRCC2.0 Datasheet HTML 60Page - SMSC Corporation IRCC2.0 Datasheet HTML 61Page - SMSC Corporation IRCC2.0 Datasheet HTML 62Page - SMSC Corporation IRCC2.0 Datasheet HTML 63Page - SMSC Corporation IRCC2.0 Datasheet HTML 64Page - SMSC Corporation IRCC2.0 Datasheet HTML 65Page - SMSC Corporation IRCC2.0 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
62
When active, the DATA DONE flag (Register
Block Zero, Line Control Register A) alerts the
transmitter that the next FIFO underrun condition
signifies the end of the valid payload data and
that an EOF should begin (Figure 24).
During
DMA operations TC automatically sets the DATA
DONE flag.
A counter that is initialized with a value from the
Tx Data Size register or from a Message Byte
Count register when the message begins can
also signal the end of the valid payload data. If
the counter goes to zero before the FIFO is
empty the SCE will behave as if a FIFO underrun
with an active DATA DONE flag had occurred
(not shown).
The DATA DONE flag is cleared following the
EOM, regardless of how the bit was set. If the
DATA DONE flag is inactive when an underrun
occurs, the transmitter aborts the message and
sets the Abort and Underrun flags appropriately
(Figure 25).
nActive Frame
EOF
FCS
I
C
A
BOF
EOM Interrupt
Tx Enable
Data Done
FIFO Empty
FIGURE 24 - IrDA FIR TX MESSAGE TIMING (SOFTWARE CRC)
I
C
A
BOF
EOM Interrupt
Tx Enable
nActive Frame
Data Done/TC
FIFO Empty
Underrun Error
Abort Error
Abort
FIGURE 25 - TX ABORT ON UNDERRUN TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com