Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 70 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 70 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 66Page - SMSC Corporation IRCC2.0 Datasheet HTML 67Page - SMSC Corporation IRCC2.0 Datasheet HTML 68Page - SMSC Corporation IRCC2.0 Datasheet HTML 69Page - SMSC Corporation IRCC2.0 Datasheet HTML 70Page - SMSC Corporation IRCC2.0 Datasheet HTML 71Page - SMSC Corporation IRCC2.0 Datasheet HTML 72Page - SMSC Corporation IRCC2.0 Datasheet HTML 73Page - SMSC Corporation IRCC2.0 Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
70
ATC ENABLE
ATC SPEED
TX
IRMODE
ATC nPROG/READY
ts
th
500ns
≤ (t
s, th ) ≤ 1us
ts
th
Program 4 Mbps
Program
≤1.152 Mbps
FIGURE 34 - ATC PROGRAMMING
ATC ENABLE
ATC SPEED
TX
IRMODE
ATC nPROG/READY
ts
th
nIOW
tcyc
t1
t2
t3
min
max
t1
0ns
1us
t2
0ns
1us
ts, th
500ns
1us
t3
0ns
1us
tcyc
1us
5us
FIGURE 35 - ATC TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com