| Electronic Components Datasheet Search |
|
IRCC2.0 Datasheet(PDF) 38 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
IRCC2.0 Datasheet(HTML) 38 Page - SMSC Corporation |
|
38 / 87 page ![]() 38 REGISTER BLOCK TWO Register Block Two contains the Consumer IR (Remote Control) encoder/decoder configuration registers (Table 26). Table 26 - Register Block Two Address Direction Description Default A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 R/W Consumer IR (Remote Control) Control Register '00'hex sync bit reserved carrier off carrier range bits 0 0 1 R/W Consumer IR Carrier Rate Register '29'hex 0 1 0 R/W Consumer IR Bit Rate Register '37'hex 0 1 1 reserved 1 0 0 reserved 1 0 1 reserved 1 1 0 reserved Consumer IR Control Register (Address 0) Sync Bit, bit 7 The Sync Bit enables the receiver bit-rate clock synchronization mechanism. When the Sync bit is one, receiver edge synchronization is enabled (see the Receiver Bit Cell Synchronization section on page 13). Carrier Off, bit 2 The Carrier Off bit bypasses the Consumer IR Carrier generator/receiver (see the Carrier Frequency Divider section on page 10). When the Carrier Off bit is one, the transmitter outputs a non-modulated SCE NRZ serial data stream at the programmed bit rate. Also, when the Carrier Off bit is one, the receiver does not attempt to demodulate a carrier from the incoming data stream and samples the state of the PIN diode at the programmed bit rate. Carrier Range, bits 0 - 1 The Consumer IR Carrier Range Bits set the carrier detect sensitivity of the receiver. The effects of this register are shown in Table 11. Consumer IR Carrier Rate Register (Address 1) The Consumer IR Carrier Rate Register programs the ASK carrier frequency divider. The effects of this register are shown in Table 9. Consumer IR Bit Rate Register (Address 2) The Consumer IR Bit Rate Register programs the transmit and receive bit-rate divider. The effects of this register are shown in Table 10. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |