Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 59 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 55Page - SMSC Corporation IRCC2.0 Datasheet HTML 56Page - SMSC Corporation IRCC2.0 Datasheet HTML 57Page - SMSC Corporation IRCC2.0 Datasheet HTML 58Page - SMSC Corporation IRCC2.0 Datasheet HTML 59Page - SMSC Corporation IRCC2.0 Datasheet HTML 60Page - SMSC Corporation IRCC2.0 Datasheet HTML 61Page - SMSC Corporation IRCC2.0 Datasheet HTML 62Page - SMSC Corporation IRCC2.0 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
59
SCE
The SCE is a half-duplex synchronous serial
communications controller that directs data flow
between the Bus Interface I/O block and the IrDA
FIR
and
Consumer
IR
(Remote
Control)
Encoders
(Figure
20).
The
SCE
also
includes partial full-duplex loopback functionality
for diagnostic testing. Bit rates from 0.4 kbps to
4 Mbps are supported. All of the SCE register
controls are located in the nSCE-addressable 8
bit register blocks.
FRAMING
The SCE operates with and without framing.
With framing implies that the SCE IrDA FIR
encoder/decoder generates the required framing
symbols for the non-payload data portions of all
0.576 Mbps, 1.152 Mbps and 4 Mbps messages.
Without framing implies that the SCE acts simply
as serial-to-parallel converter for the Consumer
IR (Remote Control) encoder/ decoder.
ACTIVE FRAME INDICATOR
The SCE signal nActiveFrame is a PLA state
variable that is synchronized to both IrDA FIR
and
Consumer
IR
message
frames.
nActiveFrame cycles high and low for each
message frame, regardless of the state of the
Brick Wall bit. nActiveFrame is primarily used to
trigger active frame interrupts and to advance the
Message
Count
bits
that
control
hardware
access
to
the
Line
Status
Registers
and
Message Byte Counters.
IrDA Modes
Transmit
nActiveFrame goes active as soon as the IrDA
transmitter
initiates
a
BOF
sequence.
nActiveFrame becomes inactive as soon as the
IrDA transmitter completes an EOF sequence.
In the case of a transmit abort, nActiveFrame
becomes inactive as soon as the IrDA transmitter
completes the abort sequence.
Receive
nActiveFrame goes active as soon as the IrDA
receiver detects valid payload data; i.e., after a
valid BOF sequence.
nActiveFrame becomes
inactive as soon as the IrDA receiver detects an
EOF sequence. In the case of a FIFO Overrun
or abort, nActiveFrame becomes inactive as
soon as the IrDA receiver updates the status
register and signals the End of Message.
Consumer IR Mode
Transmit
nActiveFrame goes active as soon as the
Consumer IR transmitter starts modulating the
Serial-to-Parallel
Converter
Parallel-to-Serial
Converter
16/32-bit
CRC Generator
16/32-bit
CRC Checker
8
1
8
1
Timing
&
Control
Transmit
Receive
Controls
FIR/CIR
Encoder
FIR/CIR
Decoder
FIGURE 20 - SCE BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com