Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 41 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 37Page - SMSC Corporation IRCC2.0 Datasheet HTML 38Page - SMSC Corporation IRCC2.0 Datasheet HTML 39Page - SMSC Corporation IRCC2.0 Datasheet HTML 40Page - SMSC Corporation IRCC2.0 Datasheet HTML 41Page - SMSC Corporation IRCC2.0 Datasheet HTML 42Page - SMSC Corporation IRCC2.0 Datasheet HTML 43Page - SMSC Corporation IRCC2.0 Datasheet HTML 44Page - SMSC Corporation IRCC2.0 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
41
frame size, 2) simplify multi-frame windowing if
the MFW bit=0 for transmit data blocks that are
larger than the maximum packet size and, 3)
constrain the SCE transmitter during loopback
testing. Note: Only the Tx Data Size register is
used for IrDA FIR loopback testing; only the Rx
Data Size register is required for Consumer IR
loopback tests.
If the Tx Data Size register is
zero when the MFW bit=0, the IrDA transmit
message size is unlimited; i.e., the transmitter
will operate until the FIFO is empty. The Tx Data
Size High register is the Tx Data Size high
nibble.
Tx Data Size Low (Address 4)
The Tx Data Size Low register is the Tx Data
Size low byte.
Rx Data Size High (Address 5)
Rx Data Size High, bits 0 - 3
The Rx Data Size register specifies the IrLAP-
negotiated maximum number of payload data
bytes per IrDA receive message frame.
This
register is used to check each IrDA FIR receive
frame for valid maximum data size and to
constrain the SCE receiver during Consumer IR
loopback testing. Note: Only the Rx Data Size
register is required for Consumer IR loopback
tests. If the Rx Data Size register is zero when
the MFW bit=0, the IrDA receive message size is
unlimited; i.e., a size error cannot occur because
frame size checking is disabled.
The Rx Data
Size High register is the Rx Data Size high
nibble.
Rx Data Size Low (Address 6)
The Rx Data Size Low register is the Rx Data
Size low byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com