Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 69 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 65Page - SMSC Corporation IRCC2.0 Datasheet HTML 66Page - SMSC Corporation IRCC2.0 Datasheet HTML 67Page - SMSC Corporation IRCC2.0 Datasheet HTML 68Page - SMSC Corporation IRCC2.0 Datasheet HTML 69Page - SMSC Corporation IRCC2.0 Datasheet HTML 70Page - SMSC Corporation IRCC2.0 Datasheet HTML 71Page - SMSC Corporation IRCC2.0 Datasheet HTML 72Page - SMSC Corporation IRCC2.0 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 87 page
background image
69
properly initialized to constrain the loopback
function
so
that
received
data
is
not
re-
transmitted.
The
Rx Data Size register is
required for Consumer IR Loopback tests; the Tx
Data Size register is required for IrDA FIR
Loopback
tests.
Note:
for
Consumer
IR
Loopback tests the value in the Rx Data Size
register must be one less than the actual number
of bytes transferred. Proper programming of the
Tx Data Size register depends upon the state of
the CRC Select and Loopback Tx CRC bits (see
the Tx Data Size High, bits 0-3, on page 40). If
the hardware CRC generator is used, the Tx
Data Size register will contain the total number of
message bytes minus the number of CRC bytes.
If the hardware CRC generator is not used, the
Tx Data Size register will contain the total
number of message bytes including the number
of CRC bytes. The FIFO Threshold is not used
for loopback tests.
The Tx Polarity and Rx
Polarity bits must be set to the same state for
loopback tests.
Set the Loopback bit in SCE
Configuration Register B to begin the loopback
test.
Retrieving Results
The loopback test data can be read from the
FIFO immediately following the End-of-Message;
i.e., the Loopback bit does not need to be reset,
nor does the FIFO need to be explicitly re-
configured for ISA bus access.
AUTOMATIC TRANSCEIVER CONTROL
The ATC register, address 0 in SCE Register
Block Five, is used to automatically program the
data
rates
for
the
IBM/TEMIC
transceiver
modules using the TX and IRMODE transceiver
pins (Figure 11).
The IBM/TEMIC modules
power-up in low speed mode. Low speed mode
covers speeds up to and including 1.152 Mbps.
The
IBM/TEMIC
transceiver
speed
change
timing is shown in Figure 35.
The transceiver
latches the state of the TX input pin on the falling
edge of IRMODE. The TX pin is the IrDA FIR TX
port signal, IRMODE comes from the G.P. DATA
port.
The ATC must not interfere with these
signals except when the ATC is enabled and
programming is in progress (ATC nProg/Ready =
0). To use the ATC to program the IBM/TEMIC
transceiver for fast mode set the ATC ENABLE
bit high, set the ATC SPEED bit high, and set the
ATC nPROG/READY bit low. When the ATC
nPROG/READY bit goes high the programming
cycle has ended (Figure 34). To use the ATC to
program the IBM/TEMIC transceiver for slow
mode set the ATC ENABLE bit high, set the ATC
SPEED bit low, and set the ATC nPROG/READY
bit low. When the ATC nPROG/READY bit goes
high the programming cycle has ended (Figure
34). When ATC nPROG/READY is low the GP
DATA signal is disabled and has no affect on
IRMODE until nPROG/READY goes high.
As
shown in Figure 35 the ATC Enable, ATC Speed
and ATC nPROG/READY can be activated
simultaneously in one write to D7 - D5, Address
0, SCE Register Block Five.
APPLICATION NOTE: The ATC must only be
enabled
if
the
IRMODE/IRRX3
pin
is
programmed as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com