Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 51 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 51 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 47Page - SMSC Corporation IRCC2.0 Datasheet HTML 48Page - SMSC Corporation IRCC2.0 Datasheet HTML 49Page - SMSC Corporation IRCC2.0 Datasheet HTML 50Page - SMSC Corporation IRCC2.0 Datasheet HTML 51Page - SMSC Corporation IRCC2.0 Datasheet HTML 52Page - SMSC Corporation IRCC2.0 Datasheet HTML 53Page - SMSC Corporation IRCC2.0 Datasheet HTML 54Page - SMSC Corporation IRCC2.0 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
51
These bits are set to logic "1" whenever a
control input from the MODEM changes state.
They are reset to logic "0" whenever the MODEM
Status Register is read.
Bit 0
Delta Clear To Send (DCTS). Bit 0 indicates that
the nCTS input to the chip has changed
state
since the last time the MSR was read.
Bit 1
Delta Data Set Ready (DDSR). Bit 1 indicates that
the nDSR input has changed state since the last
time the MSR was read.
Bit 2
Trailing Edge of Ring Indicator (TERI).
Bit 2
indicates that the nRI input has changed from
logic "0" to logic "1".
Bit 3
Delta Data Carrier Detect (DDCD). Bit 3 indicates
that the nDCD input to the chip has
changed
state.
NOTE: Whenever bit 0, 1, 2, or 3 is set to a logic
"1", a MODEM Status Interrupt is generated.
Bit 4
This bit is the complement of the Clear To Send
(nCTS) input. If bit 4 of the MCR is set to logic
"1", this bit is equivalent to nRTS in the MCR.
Bit 5
This bit is the complement of the Data Set Ready
(nDSR) input. If bit 4 of the MCR is set to logic
"1", this bit is equivalent to DTR in the MCR.
Bit 6
This bit is the complement of the Ring Indicator
(nRI) input. If bit 4 of the MCR is set to logic "1",
this bit is equivalent to OUT1 in the MCR.
Bit 7
This bit is the complement of the Data Carrier
Detect (nDCD) input. If bit 4 of the MCR is set to
logic "1", this bit is equivalent to OUT2 in the MCR.
SCRATCHPAD REGISTER (SCR)
Address Offset =7H, DLAB =X, READ/WRITE
This 8 bit read/write register has no effect on the
operation of the Serial Port. It is intended as a
scratchpad register to be used by the programmer
to hold data temporarily.
PROGRAMMABLE BAUD RATE GENERATOR
(AND DIVISOR LATCHES DLH, DLL)
The Serial Port contains a programmable Baud
Rate Generator that is capable of taking any clock
input (DC to 3 MHz) and dividing it by any divisor
from 1 to 65535.
This output frequency of the
Baud Rate Generator is 16x the Baud rate. Two 8
bit latches store the divisor in 16 bit binary format.
These Divisor Latches must be loaded during
initialization in order to insure desired operation of
the Baud Rate Generator. Upon loading either of
the Divisor Latches, a 16 bit Baud counter is
immediately loaded. This prevents long counts on
initial load. If a 0 is loaded into the BRG registers
the output divides the clock by the number 3. If a
1 is loaded the output is the inverse of the input
oscillator. If a two is loaded the output is a divide
by 2 signal with a 50% duty cycle. If a 3 or greater
is loaded the output is low for 2 bits and high for
the remainder of the count. The input clock to the
BRG is the 24 MHz crystal divided by 13, giving a
1.8462 MHz clock.
Table 32 shows the baud rates possible with a
1.8462 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com