Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 57 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 53Page - SMSC Corporation IRCC2.0 Datasheet HTML 54Page - SMSC Corporation IRCC2.0 Datasheet HTML 55Page - SMSC Corporation IRCC2.0 Datasheet HTML 56Page - SMSC Corporation IRCC2.0 Datasheet HTML 57Page - SMSC Corporation IRCC2.0 Datasheet HTML 58Page - SMSC Corporation IRCC2.0 Datasheet HTML 59Page - SMSC Corporation IRCC2.0 Datasheet HTML 60Page - SMSC Corporation IRCC2.0 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
57
NOTES ON SERIAL PORT OPERATION
FIFO MODE OPERATION:
GENERAL
The RCVR FIFO will hold up to 16 bytes
regardless of which trigger level is selected.
TX AND RX FIFO OPERATION
The Tx portion of the UART transmits data through
TXD as soon as the CPU loads a byte into the Tx
FIFO. The UART will prevent loads to the Tx
FIFO if it currently holds 16 characters.
Loading to the Tx FIFO will again be enabled as
soon as the next character is transferred to the Tx
shift register. These capabilities account for the
largely autonomous operation of the Tx.
The UART starts the above operations typically
with a Tx interrupt. The chip issues a Tx interrupt
whenever the Tx FIFO is empty and the Tx
interrupt is enabled, except in the following
instance. Assume that the Tx FIFO is empty and
the CPU starts to load it.
When the first byte
enters the FIFO the Tx FIFO empty interrupt will
transition from active too inactive. Depending on
the execution speed of the service routine
software, the UART may be able to transfer this
byte from the FIFO to the shift register before the
CPU loads another byte. If this happens, the Tx
FIFO will be empty again and typically the UART's
interrupt line would transition to the active state.
This could cause a system with an interrupt control
unit to record a Tx FIFO empty condition, even
though
the CPU is currently servicing that
interrupt.
Therefore, after the first byte has
been loaded into the FIFO the UART will wait
one serial character transmission time before
issuing a new Tx FIFO empty interrupt.
This one character Tx interrupt delay will
remain active until at least two bytes have
been loaded into the FIFO, concurrently. When
the Tx FIFO empties after this condition, the Tx
interrupt will be activated without a one
character delay.
Rx support functions and operation are quite
different from those described for the transmitter.
The Rx FIFO receives data until the number of
bytes in the FIFO equals the selected interrupt
trigger level.
At that time if Rx interrupts are
enabled, the UART will issue an interrupt to the
CPU. The Rx FIFO will continue to store bytes
until it holds 16 of them.
It will not accept any
more data when it is full. Any more data entering
the Rx shift register will set the Overrun Error flag.
Normally, the FIFO depth and the programmable
trigger levels will give the CPU ample time to
empty the Rx FIFO before an overrun occurs.
One side-effect of having an Rx FIFO is that the
selected interrupt trigger level may be above the
data level in the FIFO.
This could occur when
data at the end of the block contains fewer bytes
than the trigger level. No interrupt would be issued
to the CPU and the data would remain in the
UART. To prevent the software from having to
check for this situation the chip incorporates a
timeout interrupt.
The timeout interrupt is activated when there is a
least one byte in the Rx FIFO, and neither the
CPU nor the Rx shift register has accessed the Rx
FIFO within 4 character times of the last byte. The
timeout interrupt is cleared or reset when the CPU
reads the Rx FIFO or another character enters it.
These FIFO related features allow optimization of
CPU/UART transactions and are especially useful
given the higher baud rate capability (256 kbaud).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com