Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 83 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 83 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 79Page - SMSC Corporation IRCC2.0 Datasheet HTML 80Page - SMSC Corporation IRCC2.0 Datasheet HTML 81Page - SMSC Corporation IRCC2.0 Datasheet HTML 82Page - SMSC Corporation IRCC2.0 Datasheet HTML 83Page - SMSC Corporation IRCC2.0 Datasheet HTML 84Page - SMSC Corporation IRCC2.0 Datasheet HTML 85Page - SMSC Corporation IRCC2.0 Datasheet HTML 86Page - SMSC Corporation IRCC2.0 Datasheet HTML 87Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
83
TRANSMIT PULSE WIDTH LIMIT
The Transmit Pulse Width Limit reduces the risk
of thermal damage to the transmit LED during
message transactions or from the unpredictable
affects that can occur during a power-on-reset.
The Transmit Pulse Width Limit hardware is
controlled by the TX PW LIMIT bit (see Tx PW
Limit, bit 6, on page 36). The Transmit Pulse
Width Limit hardware must apply to all encoders,
particularly the Consumer IR Encoder and the
RAW Mode encoder (Figure 51).
When the TX PW LIMIT bit is high, active Tx
levels trigger the Transmit Pulse Width Limit
hardware.
If an active Tx pulse goes inactive
before 100Fs, the Transmit Pulse Width Limit
hardware is deactivated until the next active Tx
level. If the transmit pulse exceeds 100Fs, the
hardware deactivates Tx for 300Fs and cannot
re-activate it until the input to the Transmit Pulse
Width Limit hardware has gone inactive and
active again (Figure 52). When the TX PW LIMIT
bit is low, the Transmit Pulse Width Limit
hardware is disabled.
APPLICATION NOTE: the Transmit Pulse Width
Limit
can
seriously
distort
low
frequency
Consumer IR carriers (
≤ 5kHz) or unmodulated
low frequency Consumer IR bit rates.
TX PW LIMIT IN
TX PW LIMIT OUT
100us
300us
FIGURE 52 - TRANSMIT PULSE WIDTH LIMIT EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com