Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 20 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 16Page - SMSC Corporation IRCC2.0 Datasheet HTML 17Page - SMSC Corporation IRCC2.0 Datasheet HTML 18Page - SMSC Corporation IRCC2.0 Datasheet HTML 19Page - SMSC Corporation IRCC2.0 Datasheet HTML 20Page - SMSC Corporation IRCC2.0 Datasheet HTML 21Page - SMSC Corporation IRCC2.0 Datasheet HTML 22Page - SMSC Corporation IRCC2.0 Datasheet HTML 23Page - SMSC Corporation IRCC2.0 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
20
The IrCC 2.0 configuration register SIP ENABLE
bit and a timer control the SIR Interaction Pulse.
The IrCC 2.0 transmits a SIR Interaction Pulse
every 500ms when the SIP enable is active, an
IrDA FIR mode has been selected, and the
transmitter or receiver is not otherwise engaged.
The timer that controls the SIP pulse is reset
whenever
1) the SIP enable is inactive, 2) an
active FIR frame is being transmitted or received
or, 3) during an active SIP pulse. The timer is
decrementing whenever the SIP enable bit is
active
and
the
SIP
pulse
generator,
the
transmitter, and the receiver are inactive. When
the timer reaches zero, the SIP pulse generator
is activated (Figure 13).
1.6us
8.7us
SIP
Active SIP
Time
FIGURE 12 - SIR INTERACTION PULSE
nActive Frame
SIP Enable
Reset SIP
Timer
SIP Timer
Countdown
Active SIP
Time
SIP Timer
Zero
FIGURE 13 - SIP CONTROL TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com