Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 28 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 24Page - SMSC Corporation IRCC2.0 Datasheet HTML 25Page - SMSC Corporation IRCC2.0 Datasheet HTML 26Page - SMSC Corporation IRCC2.0 Datasheet HTML 27Page - SMSC Corporation IRCC2.0 Datasheet HTML 28Page - SMSC Corporation IRCC2.0 Datasheet HTML 29Page - SMSC Corporation IRCC2.0 Datasheet HTML 30Page - SMSC Corporation IRCC2.0 Datasheet HTML 31Page - SMSC Corporation IRCC2.0 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
28
Frame Error, bit 5
The Frame Error bit gets set to one when IrDA
framing errors are detected; for example, HDLC
pulse-widths greater than one bit-cell, and invalid
framing fields (see the Framing Errors section on
page 65).
Size Error, bit 4
The Size Error bit is set to one whenever the
IrDA FIR receiver decrements the Rx Data Size
count to zero before the End-Of-Frame, or
whenever the the Brick Wall bit is inactive and
the IrDA FIR transmitter decrements the Tx Data
Size count to zero before FIFO Empty goes
active.
CRC Error, bit 3
The CRC Error bit is set to one following Frame-
Check-Sequence errors in IrDA FIR receive
message frames.
Frame Abort, bit 2
The Frame Abort bit is set to one following; 1) a
forced abort, i.e. after setting the Abort bit to one
in Line Control Register A; 2) an IrDA FIR FIFO
underrun with the Data Done bit inactive during
transmit; 3) an IrDA FIR FIFO Overrun during
receive; 4) framing errors in IrDA FIR payload
data during receive. NOTE: The Frame Abort bit
will not go active during transmit if the Tx Data
Size register decrements to zero when the last
byte is read from the FIFO with the Data Done bit
not set.
Status Register Address, bits 0 - 2 (write-
only)
Three Status Register Address bits control
software access to, and reside at the same
address as, the Line Status Registers.
The
Status Register Address bits are write-only and
occupy bits D0 to D2. To access any one of the
eight Line Status Registers or the Message Byte
Counters (SCE Register Block One, addresses 4
and 5), first write the address of the appropriate
register (0 - 7), then read the register contents.
Line Control Register A (Address 4)
FIFO Reset, bit 7
When set to one, the FIFO Reset bit clears the
FIFO Full and Not Empty flags in the 128-byte
SCE FIFO. The FIFO Reset bit is automatically
set to zero following the re-initialization.
Fast, bit 6
The Fast bit controls the state of an uncommitted
IrCC 2.0 output, Fast. The bit is read/write.
General Purpose Data, bit 5
The General Purpose Data bit controls the state
of an uncommitted IrCC 2.0 output, GP Data.
The bit is read/write.
Raw Tx, bit 4
The Raw Tx bit controls the state of the infrared
emitter in Raw IR mode. The bit is read/write.
Raw Rx, bit 3
The Raw Rx bit represents the state of the
infrared detector in Raw IR mode.
The bit is
read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com