Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 72 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 68Page - SMSC Corporation IRCC2.0 Datasheet HTML 69Page - SMSC Corporation IRCC2.0 Datasheet HTML 70Page - SMSC Corporation IRCC2.0 Datasheet HTML 71Page - SMSC Corporation IRCC2.0 Datasheet HTML 72Page - SMSC Corporation IRCC2.0 Datasheet HTML 73Page - SMSC Corporation IRCC2.0 Datasheet HTML 74Page - SMSC Corporation IRCC2.0 Datasheet HTML 75Page - SMSC Corporation IRCC2.0 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
72
writes. This is required both for normal operation
with asynchronous host/SCE access timing, and
during loopback tests with synchronous SCE-
only
access
timing
where
the
FIFO
is
simultaneously used for transmit and receive.
FIFO controls include, separate read/ write lines,
FIFO Full and FIFO Not Empty flags, Reset,
FIFO Threshold, and Interrupt.
FIFO Threshold
The
SCE
FIFO
Threshold
generates
programmed
I/O
service
requests
to
accommodate systems with widely varying I/O
response times. FIFO Threshold values typically
reflect the overall I/O response characteristics of
a system.
The same threshold value can be
used for both I/O read and I/O write cases.
During DMA operations, the FIFO Threshold is
only used to trigger the SCE transmitter. Note:
The DMA controller will fill the FIFO until the
FIFO Threshold has been exceeded before the
transmitter is enabled.
The FIFO Threshold value is programmable from
0 to 127. The FIFO Threshold Register, located
in Register Block One, Address Two, contains
the FIFO Threshold value. Low threshold values
result in longer periods of time between service
requests because more of the FIFO is utilized
before the request is issued.
Systems that
program low threshold values must typically
provide fast response times to these requests;
i.e., high performance systems that move I/O
data quickly.
High threshold values are used in "sluggish"
systems with long service request latencies. Low
performance systems typically take longer to
move I/O data and require more frequent I/O
service.
For systems that program high FIFO
threshold values, much less of the FIFO is
utilized before service requests are issued.
Receive Threshold
Once the FIFO Interrupt is enabled, Receive
Service
Requests
(RxServReq),
i.e.
data
transfers from the FIFO to the host, are
generated whenever there are 128 minus the
FIFO Threshold value or more data bytes in the
FIFO, given by:
RxServReq
≥ 128 - FIFO Threshold
For example, if the FIFO Threshold value is 12,
RxServReq will be active whenever they’re 116
to 128 data bytes in the FIFO.
If the FIFO
Threshold
is
0,
RxServReq
will
be
active
whenever the FIFO is full. If the FIFO Threshold
is 127, RxServReq will be active whenever the
FIFO is not empty.
Transmit Threshold
Once the FIFO Interrupt is enabled, Transmit
Service
Requests
(TxServReq),
i.e.
data
transfers from the host to the FIFO, are
generated whenever there are FIFO Threshold
value or fewer data bytes in the FIFO, given by:
TxServReq
≤ FIFO Threshold
For example, if the FIFO Threshold value is 12,
TxServReq will be active whenever there are 12
or less data bytes in the FIFO.
If the FIFO
Threshold
is
0,
TxServReq
will
be
active
whenever the FIFO is empty.
If the FIFO
Threshold value is 127, TxServReq will be active
whenever the FIFO is not full.
FIFO Interrupt
The FIFO Interrupt becomes active whenever the
FIFO Interrupt Enable is active and either
TxServReq or RxServReq is active. When FIFO
Interrupt Enable becomes inactive, the FIFO
Interrupt goes inactive.
For example, the FIFO Interrupt will become
active during a transmit operation if the FIFO
Threshold is fifty, the FIFO Interrupt Enable is
active, and there are from one to fifty data bytes
in the FIFO (Figure 37).
In Figure 37, notice that five bytes are written to
the FIFO every time a service request is
answered. The third request occurs as soon as
the FIFO Interrupt Enable is activated because
the five bytes written to the FIFO following the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com