Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 27 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 23Page - SMSC Corporation IRCC2.0 Datasheet HTML 24Page - SMSC Corporation IRCC2.0 Datasheet HTML 25Page - SMSC Corporation IRCC2.0 Datasheet HTML 26Page - SMSC Corporation IRCC2.0 Datasheet HTML 27Page - SMSC Corporation IRCC2.0 Datasheet HTML 28Page - SMSC Corporation IRCC2.0 Datasheet HTML 29Page - SMSC Corporation IRCC2.0 Datasheet HTML 30Page - SMSC Corporation IRCC2.0 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
27
Active Frame Interrupt, bit 7
When this bit is one, an Active Frame has
occurred (see the Active Frame Indicator section
on page 59). The Active Frame interrupt typically
indicates that the SCE receiver has detected a
valid incoming IrDA FIR or Remote Control start-
of-frame
sequence.
Reading
the
Interrupt
Identification register resets the Active Frame
Interrupt bit.
EOM Interrupt, bit 6
When this bit is one, an End of Message has
occurred. The EOM Interrupt indicates the end
of an IrDA FIR EOF or Abort. During Consumer
IR messages EOM Interrupt
indicates FIFO
underruns/overruns and DMA Terminal Counts.
Reading
the
Interrupt
Identification
register
resets the EOM Interrupt bit.
Raw Mode Interrupt, bit 5
When this bit is one, a Raw Mode interrupt has
occurred. The Raw Mode Interrupt indicates that
the Raw Rx Control bit has gone active. Reading
the Interrupt Identification register resets the Raw
Mode Interrupt bit.
FIFO Interrupt, bit 4
When this bit is one, a FIFO Interrupt has
occurred. The FIFO Interrupt indicates that the
FIFO Interrupt Enable is active and either a
TxServReq or a RxServReq has occurred. The
FIFO Interrupt bit is cleared when the interrupt is
disabled; i.e., reading the Interrupt Identification
register does not reset the FIFO Interrupt bit (see
the FIFO Interrupt section on page 72).
IR Busy, bit 3
The IR Media Busy hardware sets the IR Busy bit
in the IID high if an infrared pulse that is greater
than TPW_MIN has occurred at the receiver input,
except during message transmit or during the IR
Half Duplex Timeout following message transmit.
TPW_MIN can be defined as 20ns#TPW_MIN#30ns
The
IR
Media
Busy
hardware
operates
independently of the IR Rx Pulse Rejection
filters, the programmed receive data rate, or the
state of the ACE or SCE Rx Enables (see Figure
51).
Reading the IID register will reset the IR
Busy bit. The IR Busy bit is also reset following
Master Reset and POR. If the IR Busy Enable
bit is high, the IR Busy Interrupt is enabled onto
the Interrupt Request bus IRQ if the master
Interrupt Enable is also active.
The IR Busy
Enable bit does not affect the IR Busy bit in the
IID. PROGRAMMER’S NOTE: The IR Busy bit
may be unintentionally activated during IR Mode
changes.
Interrupt Enable Register (Address 2)
Setting any of the bits in this register to one
enables
the
associated
interrupt
(see
the
Interrupt Identification Register).
Interrupts will
only occur if both the interrupt enable bit and the
Master Interrupt Enable bit (see the Master Block
Control Register) are active.
The interrupt enables do not affect the state of
the interrupts, except for the FIFO Interrupt. For
example, a Raw Mode interrupt that occurs while
the Raw Mode Interrupt Enable is inactive will be
visible in the IID register but will not affect IRQ.
Line Status Register(s) (Address 3)
Error Indicators (read-only)
There are eight Line Status Registers at address
3.
Each register is read-only and is accessed
using the three Status Register Address bits,
also
located
at
this
address.
The
FIFO
Underrun, FIFO Overrun, Frame Error, Size
Error, Frame Abort, and CRC Error flags indicate
the status of any one of eight IrDA FIR message
frames. The Error Indicators, in all registers, are
reset following a Master Reset, Power-On-Reset,
and Error Reset (see the Master Block Control
Register).
The error indicators for the current
status register only (see the Message Count bits)
are reset following a valid IrDA BOF sequence.
FIFO Underrun, bit 7
The FIFO Underrun bit gets set to one when the
IrDA FIR transmitter runs out of FIFO data and
the Data Done bit is not active.
FIFO Overrun, bit 6
The FIFO Overrun bit gets set to one when the
IrDA FIR receiver tries to write data to the FIFO
when the FIFO Full flag is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com