Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 48 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 44Page - SMSC Corporation IRCC2.0 Datasheet HTML 45Page - SMSC Corporation IRCC2.0 Datasheet HTML 46Page - SMSC Corporation IRCC2.0 Datasheet HTML 47Page - SMSC Corporation IRCC2.0 Datasheet HTML 48Page - SMSC Corporation IRCC2.0 Datasheet HTML 49Page - SMSC Corporation IRCC2.0 Datasheet HTML 50Page - SMSC Corporation IRCC2.0 Datasheet HTML 51Page - SMSC Corporation IRCC2.0 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
48
LINE CONTROL REGISTER (LCR)
Address Offset = 3H, DLAB = 0, READ/WRITE
This register contains the format information of the
serial line. The bit definitions are:
Bits 0 and 1
These two bits specify the number of bits in each
transmitted or received serial character.
The
encoding of bits 0 and 1 is as follows:
BIT 1
BIT 0
WORD LENGTH
0
0
1
1
0
1
0
1
5 Bits
6 Bits
7 Bits
8 Bits
The Start, Stop and Parity bits are not included in
the word length.
Bit 2
This bit specifies the number of stop bits in each
transmitted or received serial character.
The
following table summarizes the information.
BIT 2
WORD
LENGTH
NUMBER OF
STOP BITS
0
--
1
1
5 bits
1.5
1
6 bits
2
1
7 bits
2
1
8 bits
2
Note: The receiver will ignore all stop bits beyond
the first, regardless of the number used in
transmitting.
Bit 3
Parity Enable bit. When bit 3 is a logic "1", a parity
bit is generated (transmit data) or
checked (receive data) between the last data
word bit and the first stop bit of the serial data.
(The parity bit is used to generate an even or odd
number of 1s when the data word bits and the
parity bit are summed).
Bit 4
Even Parity Select bit. When bit 3 is a logic "1"
and bit 4 is a logic "0", an odd number of logic "1"'s
is transmitted or
checked in the data word bits
and the parity bit. When bit 3 is logic "1" and bit 4
is a logic "1" an even number of bits is transmitted
and checked.
Bit 5
Stick Parity bit. When bit 3 is a logic "1" and bit 5
is a logic "1", the parity bit is transmitted and then
detected by the receiver in the opposite state
indicated by bit 4.
Bit 6
Set Break Control bit. When bit 6 is a logic "1", the
transmit data output (TXD) is forced to the
Spacing or logic "0" state and remains there (until
reset by a low level bit 6) regardless of other
transmitter activity. This feature enables the Serial
Port to alert a terminal in a communications
system.
Bit 7
Divisor Latch Access bit (DLAB). It must be set
high (logic "1") to access the Divisor Latches of the
Baud Rate Generator during read or write
operations. It must be set low (logic "0") to access
the Receiver Buffer Register, the Transmitter
Holding Register, or the Interrupt Enable Register.
MODEM CONTROL REGISTER (MCR)
Address Offset = 4H, DLAB = X,
READ/WRITE
This 8 bit register controls the interface with the
MODEM or data set (or device emulating a
MODEM).
The contents of the MODEM control
register are described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com