Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 64 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 60Page - SMSC Corporation IRCC2.0 Datasheet HTML 61Page - SMSC Corporation IRCC2.0 Datasheet HTML 62Page - SMSC Corporation IRCC2.0 Datasheet HTML 63Page - SMSC Corporation IRCC2.0 Datasheet HTML 64Page - SMSC Corporation IRCC2.0 Datasheet HTML 65Page - SMSC Corporation IRCC2.0 Datasheet HTML 66Page - SMSC Corporation IRCC2.0 Datasheet HTML 67Page - SMSC Corporation IRCC2.0 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
64
CRC Select Timing
During transmit if the CRC Select control is low
the FCS is assumed to be part of the message
payload data sent from the host and the
hardware CRC generator is not engaged (Figure
28). During receive if the CRC Select control is
low the hardware CRC generator is not engaged,
no comparison with the received FCS is made,
and the state of the configuration register CRC
Error flag is undefined (see CRC Select, bit 6, on
page 40).
During transmit if the CRC Select control is high
the FCS is assumed not to be part of the
message data sent from the host, the hardware
CRC generator is engaged, and the FCS result is
appended to the host payload data (Figure 29).
During receive, if the CRC Select control is high,
the output from the hardware CRC generator is
compared
to
the
CRC
from
the
received
message
and
the
result
recorded
in
the
configuration register CRC Error flag. Note: for
all IrDA FIR received messages, the FCS is sent
to the host through the FIFO regardless of the
state of the CRC Select control.
EOF
FCS
I
C
A
BOF
FIFO Empty
CRC Select
Data Done
TC
FIGURE 28 - IrDA FIR FRAME WITH SOFTWARE CRC
CRC
(HW)
EOF
FCS
I
C
A
BOF
FIFO Empty
CRC Select
Data Done
TC
FIGURE 29 - IrDA FIR FRAME WITH HARDWARE CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com