Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 74 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 70Page - SMSC Corporation IRCC2.0 Datasheet HTML 71Page - SMSC Corporation IRCC2.0 Datasheet HTML 72Page - SMSC Corporation IRCC2.0 Datasheet HTML 73Page - SMSC Corporation IRCC2.0 Datasheet HTML 74Page - SMSC Corporation IRCC2.0 Datasheet HTML 75Page - SMSC Corporation IRCC2.0 Datasheet HTML 76Page - SMSC Corporation IRCC2.0 Datasheet HTML 77Page - SMSC Corporation IRCC2.0 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
74
Burst (Demand) Mode
DMA Burst mode is enabled by setting the DMA
Burst bit in SCE Configuration Register B.
Demand Mode DMA transfer up to 32 data bytes
for each DRQ (Figure 39).
The IrCC 2.0
guarantees that DRQ relinquishes the ISA bus
after thirty-two DMA I/O read or write cycles to
allow for memory refresh.
DMA Refresh Counter
The DMA Refresh Counter is used to prevent
DRQ from staying active for more than 4, 8, 16,
or 32 I/O cycles at a time (see DMA Refresh
Count, bits 0-1, on page 37).
The counter is stopped and preloaded whenever
DRQ is not active. Once DRQ becomes active,
the counter decrements until zero-count or DRQ
is deactivated.
In Demand Mode, the count-zero condition
always clears DRQ and triggers a Refresh
Interval. The Refresh Interval remains active for
350ns following an inactive nDACK (Figure 40).
If there is more data to transfer, DRQ goes active
again and the cycle repeats.
Single Byte Mode DMA does not use the DMA
Refresh Counter. Table 25 illustrates the DMA
Refresh Count bit encoding; e.g., if D[1:0] = 0,0,
the DMA Refresh Counter will prevent DRQ from
staying active for more than four I/O read/write
cycles at a time.
DMA Enable
DRQ
I/Ox
nDACK
DMA Burst
AEN
TC
FIGURE 39 - DMA BURST MODE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com