Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 22 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 18Page - SMSC Corporation IRCC2.0 Datasheet HTML 19Page - SMSC Corporation IRCC2.0 Datasheet HTML 20Page - SMSC Corporation IRCC2.0 Datasheet HTML 21Page - SMSC Corporation IRCC2.0 Datasheet HTML 22Page - SMSC Corporation IRCC2.0 Datasheet HTML 23Page - SMSC Corporation IRCC2.0 Datasheet HTML 24Page - SMSC Corporation IRCC2.0 Datasheet HTML 25Page - SMSC Corporation IRCC2.0 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
22
4PPM BOF Counting
The IrCC 2.0 can account for system-dependent
limitations such as long interrupt latencies and
transceiver stabilization times by increasing the
number of PA flags at the beginning of every
4PPM frame (Figure 16).
The BOF COUNT register contains the number
of additional PA bytes that are to be appended to
the standard 4PPM BOF characters. Note: The
BOF COUNT extensions only apply to messages
that start from an idle line state; i.e., BOF
counting
does
not
apply
to
brick
walled
messages.
4PPM Back-to-Back Frame Transmission
Back-to-back, or brick walled frames are allowed
with 32 or more PA flag bytes between the STO
field of the first frame and the STA field of the
second frame. Additional flags can be added by
programming the Brick Wall Count register.
Note: The BOF COUNT extensions do not apply
to brick walled messages.
ADDR
8-bit Address
Field
DATA
8-bit Control field plus up to 2K - 3 bytes
Information Field
BOF COUNT register
Appends 0 - 4095 PA Bytes
to Beginning of Frame
...
PA (#16)
PA (#1)
STA
8-bit Start
Field
FIGURE 16 - 4PPM EXTENDED BOF
ADDR
8-bit Address
Field
16-byte
PA
Sequence
DATA
8-bit Control field plus up to
2K - 3 bytes Information Field
Brick Walled Frame
Previous
Frame
STA
BW COUNT register
Inserts 0 - 4095 PA Bytes
between Brick Walled Frames
STO
16-byte
PA
Sequence
FIGURE 17 - BRICK WALLED 4 MBPS FRAMES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com