Electronic Components Datasheet Search
  English  ▼

X  

IRCC2.0 Datasheet(PDF) 33 Page - SMSC Corporation

Part # IRCC2.0
Description  Infrared Communications Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC2.0 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button IRCC2.0 Datasheet HTML 29Page - SMSC Corporation IRCC2.0 Datasheet HTML 30Page - SMSC Corporation IRCC2.0 Datasheet HTML 31Page - SMSC Corporation IRCC2.0 Datasheet HTML 32Page - SMSC Corporation IRCC2.0 Datasheet HTML 33Page - SMSC Corporation IRCC2.0 Datasheet HTML 34Page - SMSC Corporation IRCC2.0 Datasheet HTML 35Page - SMSC Corporation IRCC2.0 Datasheet HTML 36Page - SMSC Corporation IRCC2.0 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
33
Table 19 - IrCC 2.0 Logical Block Controls
D6
D5
D4
D3
MODE
DESCRIPTION
0
0
0
0
COM
16C550A UART COM Port (default)
0
0
0
1
IrDA SIR - A
Up to 115.2 Kbps, Variable 3/16 Pulse
0
0
1
0
ASK IR
Amplitude Shift Keyed Ir Interface
0
0
1
1
IrDA SIR - B
Up to 115.2 Kbps, Fixed 1.6Fs Pulse
0
1
0
0
IrDA HDLC
Includes 0.576 Mbps & 1.152 Mbps
0
1
0
1
IrDA4PPM
Includes 4 Mbps
0
1
1
0
CONSUMER
TV Remote
0
1
1
1
RAW IR
Direct IR Diode Control
1
X
X
X
OTHER
Reserved
Half Duplex, bit 2
When Half Duplex is zero (default), the 16C550A
is in full duplex mode. The Half Duplex bit only
supports the 16C550A UART; i.e., this bit has no
effect on the IrCC 2.0 SCE. The Half Duplex bit
is analogous to the chip-level configuration
register Half Duplex bit and has the same effect
on the UART. Provisions have been made in
legacy devices to accommodate Half Duplex
selection
through
either
the
chip-level
configuration registers or the IrCC 2.0 Half
Duplex bit; i.e., the last write from either source
determines the current mode selection and is
visible in both registers.
Tx/Rx Polarity Bits, 0 - 1
The Tx and Rx Polarity bits define the active
states for signals entering and exiting the Output
Multiplexer ports. Internal IrCC 2.0 Active states
are typically decoded as zero. The Tx Polarity bit
default is one; the Rx Polarity bit default is zero.
For backward compatibility, the Tx and Rx
Polarity bits do not apply to COM mode; i.e.,
when the Block Control bits are zero.
The
relationship between the Output Multiplexer port
signals and the Polarity bits is an exclusive-or
(Table 20). For example, if the IRRx pin in the
Output Multiplexer is one and the Rx Polarity bit
is zero, the signal is inactive and therefore
decoded as a one. The IrCC 2.0 Tx Polarity bit
(bit 1) is equivalent to the Transmit Polarity bit in
the chip-level configuration space of earlier
devices;
e.g.,
the
FDC37C93x
IR
Option
Register,
Serial
Port
2,
Logical Device 5,
Register 0xF1.
The Rx Polarity bit (bit 0) is
equivalent to the Receive Polarity bit in the same
register. Provisions have been made in legacy
devices to accommodate Polarity bit selection
through
either
the
chip-level
configuration
registers or the SCE registers; i.e., the last write
from
either
source
determines
the
current
Polarity bit value and is visible in both registers.
Table 20 - Tx/Rx Polarity Bit Effects
SIGNAL
POLARITY BIT
DECODED SIGNAL
0
0
0
0
1
1
1
0
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com